Electronic Components Datasheet Search
  English  ▼

X  

IRS2158D Datasheet(PDF) 16 Page - International Rectifier

Part # IRS2158D
Description  IRPLDIM3 Wide Range Input Linear Dimming Fluorescent Ballast using the IRS2158D
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2158D Datasheet(HTML) 16 Page - International Rectifier

Back Button IRS2158D Datasheet HTML 12Page - International Rectifier IRS2158D Datasheet HTML 13Page - International Rectifier IRS2158D Datasheet HTML 14Page - International Rectifier IRS2158D Datasheet HTML 15Page - International Rectifier IRS2158D Datasheet HTML 16Page - International Rectifier IRS2158D Datasheet HTML 17Page - International Rectifier IRS2158D Datasheet HTML 18Page - International Rectifier IRS2158D Datasheet HTML 19Page - International Rectifier IRS2158D Datasheet HTML 20Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
www.irf.com
- 16 -
Fig 8. Ideal Ballast Operating Points
The operating points here display an ideal condition where the ignition frequency is above the run
frequency and the preheat frequency is somewhat higher than the ignition frequency. The run frequency
also meets the target of 40 kHz. In general it is preferable to keep the run frequency (or minimum
frequency) at 40 kHz or above to avoid possible interference with infra red remote controls, some of which
operate at around 35 kHz.
In order to use a more practical value, it was decided to fix LRES at 4 mH for this design, which is
more easily available. In the BDA “Tank Components” section the “Fix L” box should be checked and the
value of 4 mH entered in place of 5.9 mH. After the “Calculate” button has been clicked a message will
appear stating that the ballast run frequency is now higher than the ignition frequency. Although many
other ballast control IC’s are not capable of operating under this set of conditions, the IRS2158D may be
used without problems.
The graph for the operating points now looks like this:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com