Electronic Components Datasheet Search
  English  ▼

X  

IRPLDIM4E Datasheet(PDF) 4 Page - International Rectifier

Part # IRPLDIM4E
Description  Miniature Dimmable 26W Ballast Using IRS2530D DIM8TM Control IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM4E Datasheet(HTML) 4 Page - International Rectifier

  IRPLDIM4E Datasheet HTML 1Page - International Rectifier IRPLDIM4E Datasheet HTML 2Page - International Rectifier IRPLDIM4E Datasheet HTML 3Page - International Rectifier IRPLDIM4E Datasheet HTML 4Page - International Rectifier IRPLDIM4E Datasheet HTML 5Page - International Rectifier IRPLDIM4E Datasheet HTML 6Page - International Rectifier IRPLDIM4E Datasheet HTML 7Page - International Rectifier IRPLDIM4E Datasheet HTML 8Page - International Rectifier IRPLDIM4E Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.irf.com
- 4 -
RD0801
5. IRS2530D DIM8
TM Ballast Control IC
The IRS2530D is an application specific solution for dimming CFL and TL lamps in CFL or
matchbox (small size ballasts) applications. It integrates all of the necessary functions for
preheat, ignition and dimming control of the lamp, plus lamp fault protection, low AC-line
protection, lamp exchange auto-restart, and a 600V half-bridge driver into a standard SO8
or DIP8 package.
The IRS2530D includes adaptive zero-voltage switching, non-zero voltage switching
(ZVS) protection, as well as an integrated 600V bootstrap MOSFET. The heart of this IC is
a voltage-controlled oscillator (VCO) with a dimming reference/feedback input. One of the
biggest advantages of the IRS2530D is that it uses the VS pin (the mid-point of the half-
bridge) for over-current protection and to detect non-ZVS conditions. The IRS2530D uses
the RDSon of the low-side half-bridge MOSFET for current sensing each cycle when the
low-side MOSFET is on. An internal 600V MOSFET connects the VS pin to the VS-
sensing circuitry and allows for the VS pin to be accurately measured during the time
when pin LO is high, while withstanding the high DC bus voltage during the other portion
of the switching cycle when the high-side MOSFET is turned on. This eliminates the need
for an external, precision current sensing resistor that is typically used to detect over-
current. Please refer to the IRS2530D datasheet for further information including electrical
parameters, a state diagram and a complete functional description.
As a result of the IRS2530D features, the IRPLDIM4E Reference Design is a complete
dimming ballast solution that includes lamp fault protection, low AC line protection, lamp
exchange auto-restart, and reduces component count and ballast size.
6. Circuit Description
The schematic for IRPLDIM4E is shown in Figure 7.1. The bill of materials with the
component values is shown in Table 8.1.
The ballast incorporates a fuse, input rectifier, EMI filter, bus capacitor, half-bridge,
dimming control and output stage. The output stage is a series-L, parallel-RC resonant
circuit consisting of an inductor (LRES), capacitor (CRES), and lamp. The AC line input
voltage is rectified to provide a bus voltage of approximately 300VDC. The start-up
resistors, RVCC1 and RVCC2, are sized such that they supply the micro-power current
during under-voltage lockout (UVLO) mode and determine the AC line voltage where the
ballast turns-on. When VCC exceeds the startup threshold (VCCUV+), the IRS2530D
begins to oscillate and the charge pump circuit (CVS, DCP1 and DCP2) supplies the
current to VCC while maintaining the internal VCC zener clamp at 15.6V.
The IRS2530D controls the frequency of the half-bridge for satisfying the lamp operating
modes. These include lamp preheat, lamp ignition, dimming, low AC line protection and
lamp/ballast fault protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com