Electronic Components Datasheet Search
  English  ▼

X  

IRPLDIM4E Datasheet(PDF) 6 Page - International Rectifier

Part # IRPLDIM4E
Description  Miniature Dimmable 26W Ballast Using IRS2530D DIM8TM Control IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM4E Datasheet(HTML) 6 Page - International Rectifier

Back Button IRPLDIM4E Datasheet HTML 2Page - International Rectifier IRPLDIM4E Datasheet HTML 3Page - International Rectifier IRPLDIM4E Datasheet HTML 4Page - International Rectifier IRPLDIM4E Datasheet HTML 5Page - International Rectifier IRPLDIM4E Datasheet HTML 6Page - International Rectifier IRPLDIM4E Datasheet HTML 7Page - International Rectifier IRPLDIM4E Datasheet HTML 8Page - International Rectifier IRPLDIM4E Datasheet HTML 9Page - International Rectifier IRPLDIM4E Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
www.irf.com
- 6 -
RD0801
8. Bill of Materials
Item #
Qty
Manufacturer
Part Number
Description
Reference
1
1
Digikey
Diodes, Inc.
RH06DICT-ND
RHO6-T
Bridge Rectifier, 600V, 0.5A MiniDip
BR1
2
1
Digikey
Vishay
PPC.47BCT-ND
NFR25H0004707JR500
Resistor, 0.47R, 1/2W
F1
3
1
Digikey
Epcos
M8301-ND
5800-102-RC
RF Chokes 1mH 200mA
LF
4
2
Wima
MKS2 Series
Capacitor, 47nF, 400V
CF, CDC
5
1
Digikey
Panasonic
P5931-ND
EEU-EB2V100
Capacitor, 10 F, 350VDC, 105C
CBUS
6
2
Digikey
Panasonic
PCC104BCT-ND
ECJ-3VB1H104K
Capacitor, 0.1 F, 50V, 1206
CBS, CFB
7
2
Digikey
Panasonic
PCC1886CT-ND
ECJ-3VB1E184K
Capacitor, 0.18 F, 25V, 1206
CH1, CH2
8
1
Digikey
Yageo
311-1171-1-ND
CC1206KRX7R9BB222
Capacitor, 2.2nF, 50V, 1206
CVCO
9
1
Digikey
Panasonic
PCC1892CT-ND
ECJ-3YBIE684K
Capacitor, 0.68 F, 25V, 1206
CPH
10
1
Digikey
Panasonic
PCC1882CT-ND
ECJ-3YB1C105K
Capacitor, 1 F, 16V, 1206
CVCC
11
1
Digikey
Yageo
311-1174-1-ND
CC1206KRX7R9BB103
Capacitor, 10nF, 50V, 1206
CDIM
12
1
Digikey
Panasonic
P9542-ND
ECK-A3A102KBP
Capacitor, 1nF, 1KV, Ceramic disk
CVS
13
1
Wima
TAW
MKP-10 RM15MM
MKP 472K1K6
Polypropylene Capacitor,
4.7nF/1.6KV, 10%, RM=15mm
CRES
14
1
IR
IRS2530D
Dimming Ballast Control IC
IC1
15
1
Vogt
IR IL 070 503 11 02
Ballast Resonant Inductor EF20,
2.3mH
LRES
16
2
Digikey/Vishay
IRFU320
Transistor, MOSFET, 400V
MHS, MLS
17
2
Digikey
Panasonic
P360KECT-ND
ERJ-8GEYJ364V
Resistor, 360K, 1206
RVCC1, RVCC2
18
1
Digikey
Panasonic
PPC7.5W-1CT-ND
5073NW7R500J12AFX
Resistor, 7.5 Ohm, 5%, 1 W, Axial
RCS
19
1
Digikey
Panasonic
P220KECT-ND
ERJ-8GEYJ224V
Resistor, 220K, 1206
RLMP1
20
1
Digikey
Panasonic
P470KECT-ND
ERY-8GEYJ474V
Resistor, 470K, 1206
RLMP2
21
1
Digikey
Panasonic
RHM430FCT-ND
MCR18EZHF4300
Resistor, 430 Ohm, 1%, 1206
RMIN
22
1
Digikey
Panasonic
P200KFCT-ND
ERJ-8ENF2003V
Resistor, 200K, 1%, 1206
RMAX
23
1
Digikey
Panasonic
P1.0KALCT-ND
ERJ-P08J102V
Resistor, 1K, 1206
RFB
24
1
Digikey
Yageo
311-1.5KERCT-ND
RC1206JR-071K5L
Resistor, 1.5K, 1206
RVCO
25
2
Digikey
Panasonic
P10ECT-ND
ERJ-8GEYJ100V
Resistor, 10 Ohm, 1206
RHO, RLO
26
1
Digikey
Bourns
3386P-103LF-ND
3386P-1-103LF
Pot, 10K, Single turn
PDIM
27
1
Digikey
Diodes, Inc.
LL4148DICT-ND
Diode, 1N4148 SMT DL35
DCP2
28
1
Digikey
Diodes, Inc.
ZMM5248BDICT-ND
ZMM2548B-7
Zener Diode, 18V, 500mV, SMT
DCP1
29
1
Wire Jumper
J1
30
1
WAGO
235-202
Connector, 2 terminal
X1
31
1
WAGO
235-204
Connector, 4 terminal
X2
32
1
IR
IRPLDIM4E
PCB, Single Layer
Total
38
TABLE 8.1: IRPLDIM4E Bill of Materials. Lamp type: Spiral CFL 26W, Line Input Voltage: 200 - 250
VAC. Note: Different lamp types may require components with different values, voltage ratings
and/or current ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com