Electronic Components Datasheet Search
  English  ▼

X  

BTS5014SDA Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # BTS5014SDA
Description  Smart High-Side Power Switch PROFET??One Channel
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS5014SDA Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button BTS5014SDA Datasheet HTML 9Page - Infineon Technologies AG BTS5014SDA Datasheet HTML 10Page - Infineon Technologies AG BTS5014SDA Datasheet HTML 11Page - Infineon Technologies AG BTS5014SDA Datasheet HTML 12Page - Infineon Technologies AG BTS5014SDA Datasheet HTML 13Page - Infineon Technologies AG BTS5014SDA Datasheet HTML 14Page - Infineon Technologies AG BTS5014SDA Datasheet HTML 15Page - Infineon Technologies AG BTS5014SDA Datasheet HTML 16Page - Infineon Technologies AG BTS5014SDA Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Datasheet
13
Rev. 1.1, 2008-11-04
Smart High-Side Power Switch
BTS5014SDA
Power Stages
5.4
Electrical Characteristics
V
bb = 12 V, Tj = -40 ... 150 °C (unless otherwise specified) Typical values are given at Vbb = 12 V, Tj = 25 °C
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
General
5.4.1
Operating voltage 1)
V
bb(on)
5.5
-
20
V
V
IN = 0 V
5.4.2
Undervoltage shutdown 2)
V
bIN(u)
-2.5
3.5
V
T
j = 25 °C
5.4.3
Undervoltage restart of charge
pump
V
bb(ucp)
-4
5.5
V
–
5.4.4
Operating current
I
IN
-1.4
2.2
mA
–
5.4.5
Stand-by current
T
j = -40 °C, Tj = 25 °C
T
j = 150 °C
I
bb(OFF)
-
-
3
9
6
16
µA
I
IN = 0 A
Input characteristics
5.4.6
Input current for
turn-on
I
IN(on)
-1.4
2.2
mA
V
bIN ≥ Vbb(ucp) - VIN
5.4.7
Input current for
turn-off
I
IN(off)
--
30
µA
–
Output characteristics
5.4.8
On-state resistance
T
j=25°C
T
j=150°C
V
bb=5.5V, Tj=25°C
V
bb=5.5V, Tj=150°C
R
DS(ON)
-
-
-
-
14
25
19
34
-
28
-
38
m
Ω
V
IN=0V, IL=7.5A,
(Tab to pin 1 and 5)
5.4.9
Output voltage drop limitation at
small load currents
V
ON(NL)
-30
65
mV
–
5.4.10
Nominal load current
(Tab to pin1 & 5) 3) 4)
I
L(nom)
67
-
A
T
a = 85 °C,
V
ON ≤ 0.5 V,
T
j ≤ 150 °C
5.4.11
Output clamp
V
ON(CL)
39
42
-
V
I
L = 40mA,
T
j = 25 °C
5.4.12
Inverse current output voltage
drop 2) 5)
(Tab to pin 1 and 5)
T
j = 25 °C
T
j = 150 °C
-
V
ON(inv)
-
-
800
600
-
-
mV
I
L = -7.5 A,
R
IS = 1 kΩ
Timings
5.4.13
Turn-on time to
90%
V
OUT
t
ON
-
250
500
µs
R
L = 2.2 Ω
5.4.14
Turn-off time to
10%
V
OUT
t
OFF
-
250
500
µs
R
L = 2.2 Ω
5.4.15
Turn-on delay after inverse
operation 2)
t
d(inv)
-1-
ms
V
bb > VOUT,
V
IN(inv) =
V
IN(fwd) =0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com