Electronic Components Datasheet Search
  English  ▼

X  

BTS5014SDA Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # BTS5014SDA
Description  Smart High-Side Power Switch PROFET??One Channel
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS5014SDA Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button BTS5014SDA Datasheet HTML 17Page - Infineon Technologies AG BTS5014SDA Datasheet HTML 18Page - Infineon Technologies AG BTS5014SDA Datasheet HTML 19Page - Infineon Technologies AG BTS5014SDA Datasheet HTML 20Page - Infineon Technologies AG BTS5014SDA Datasheet HTML 21Page - Infineon Technologies AG BTS5014SDA Datasheet HTML 22Page - Infineon Technologies AG BTS5014SDA Datasheet HTML 23Page - Infineon Technologies AG BTS5014SDA Datasheet HTML 24Page - Infineon Technologies AG BTS5014SDA Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Datasheet
21
Rev. 1.1, 2008-11-04
Smart High-Side Power Switch
BTS5014SDA
Diagnosis
7
Diagnosis
For diagnosis purpose, the BTS5014SDA provides an IntelliSense signal at the pin IS.
The pin IS provides during normal operation a sense current, which is proportional to the load current as long as
V
bIS > 5V. The ratio of the output current is defined as kILIS = IL / IIS. During switch-on no current is provided, until
the forward voltage drops below
V
ON < 1V typ. The output sense current is limited to IIS(lim).
The pin IS provides in case of any fault conditions a defined fault current
I
IS(fault) as long as VbIS >8V. Fault
conditions are overcurrent (
V
ON > 1V typ.), current limit or overtemperature switch off.
The pin IS provides no current during open load in ON and de-energisation of inductive loads.
Figure 17
Block Diagram: Diagnosis
The accuracy of the provided current sense ratio (
k
ILIS = IL / IIS) depends on the load current. Please refer to
Figure 18 for details. A typical resistor
R
IS of 1 kΩ is recommended.
Sense.emf
R
bb
V
IS
V
b,IS
I
IS(fault)
V
bb
R
IS
I
IS
IS
V
Z,IS
Table 1
Truth Table
Parameter
Input Current Level
Output Level
Current Sense I
IS
Normal operation
L1)
H1)
L
H
≈ 0 (IIS(LL))
nominal
Overload
L
H
L
H
≈ 0 (IIS(LL))
I
IS(fault)
Short circuit to GND
L
H
L
L
≈ 0 (IIS(LL))
I
IS(fault)
Overtemperature
L
H
L
L
≈ 0 (IIS(LL))
I
IS(fault)
Short circuit to
V
bb
L
H
H
H
≈ 0 (IIS(LL))
< nominal2)
Open load
L
H
Z1)
H
≈ 0 (IIS(LL))
≈ 0 (IIS(LH))
1) H = “High” Level, L = “Low” Level, Z = high impedance, potential depends on external circuit
2) Low ohmic short to
V
bb may reduce the output current IL and therefore also the sense current IIS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com