Electronic Components Datasheet Search
  English  ▼

X  

TLE4287G Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4287G
Description  5-V Voltage Regulator Input voltage up to 42 V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4287G Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4287G Datasheet HTML 1Page - Infineon Technologies AG TLE4287G Datasheet HTML 2Page - Infineon Technologies AG TLE4287G Datasheet HTML 3Page - Infineon Technologies AG TLE4287G Datasheet HTML 4Page - Infineon Technologies AG TLE4287G Datasheet HTML 5Page - Infineon Technologies AG TLE4287G Datasheet HTML 6Page - Infineon Technologies AG TLE4287G Datasheet HTML 7Page - Infineon Technologies AG TLE4287G Datasheet HTML 8Page - Infineon Technologies AG TLE4287G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Type
Package
TLE 4287 G
PG-DSO-14
5-V Voltage Regulator
TLE 4287 G
Data Sheet
1
Rev. 1.4, 2009-01-12
Features
•
Output voltage tolerance
≤ ±2%
•
Very low standby current consumption
•
Input voltage up to 42 V
•
Reset function down to 1 V output voltage
•
Adjustable reset time
•
On/Off logic
•
Overtemperature protection
•
Reverse polarity protection
•
Short-circuit proof
•
Very wide temperature range
•
Very small output capacitor
•
Green Product (RoHS compliant)
•
AEC Qualified
Functional Description
The TLE 4287 G is a monolithic integrated 5 V voltage regulator in PG-DSO-14
package. It supplies an output current
I
Q > 250 mA. The IC is short circuit proof and
incorporates temperature protection which turns off the device at overtemperature.
The input voltage
V
I is regulated in the range of 7.5 V < VI < 40 V to VQ,nom = 5 V.
Therefore a reference voltage, which is kept highly accurate by resistance adjustment,
is compared via a control amplifier to a voltage that is proportional to the output voltage.
The control amplifier drives the base of the series transistor by a buffer.
A comparator in the reset-generator block compares a reference voltage that is
independent of the input voltage to the scaled-down output voltage. In the case of an
output voltage
V
Q < 4.5 V the reset delay capacitor is discharged and a reset signal is
generated by setting the reset output LOW. The reset delay time can be set by choosing
the external capacitor over a wide range. When the output voltage rises above
V
Q ≥ 4.5 V
the reset delay capacitor is charged again. As soon as the delay capacitor voltage
reaches the upper switching threshold the reset output pin is set HIGH again.


Similar Part No. - TLE4287G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4287G INFINEON-TLE4287G Datasheet
158Kb / 13P
5-V Voltage Regulator
Version 1.3 2001-09-12
TLE4287G INFINEON-TLE4287G Datasheet
1Mb / 14P
Very low standby current consumption
Rev. 1.41, 2012-01-30
TLE4287G INFINEON-TLE4287G_12 Datasheet
1Mb / 14P
Very low standby current consumption
Rev. 1.41, 2012-01-30
More results

Similar Description - TLE4287G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4286G SIEMENS-TLE4286G Datasheet
42Kb / 9P
5-V Voltage Regulator
logo
Infineon Technologies A...
TLE4287G INFINEON-TLE4287G Datasheet
158Kb / 13P
5-V Voltage Regulator
Version 1.3 2001-09-12
TLE4285G INFINEON-TLE4285G Datasheet
201Kb / 11P
5-V Voltage Regulator
Rev. 2.1, 2004-01-01
TLE4242G INFINEON-TLE4242G_07 Datasheet
536Kb / 14P
Adjustable LED Driver Wide input voltage range up to 42 V Low drop voltage
Rev. 1.1, 2007-03-20
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
TLE4266 INFINEON-TLE4266_08 Datasheet
212Kb / 14P
5 V/10 V Low Drop Voltage Regulator Output voltage 5 V or 10 V
Rev. 2.5, 2008-03-10
logo
Texas Instruments
TPS7A4201 TI1-TPS7A4201 Datasheet
740Kb / 19P
28-V Input Voltage, 50-mA Voltage Regulator
TPS65280 TI-TPS65280_15 Datasheet
1Mb / 34P
DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
logo
RICOH electronics devic...
R5112 RICOH-R5112 Datasheet
1Mb / 34P
Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
April 1, 2012
logo
Texas Instruments
TPS565201 TI1-TPS565201 Datasheet
3Mb / 25P
4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com