Electronic Components Datasheet Search
  English  ▼

X  

TLE4287G Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE4287G
Description  5-V Voltage Regulator Input voltage up to 42 V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4287G Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4287G Datasheet HTML 5Page - Infineon Technologies AG TLE4287G Datasheet HTML 6Page - Infineon Technologies AG TLE4287G Datasheet HTML 7Page - Infineon Technologies AG TLE4287G Datasheet HTML 8Page - Infineon Technologies AG TLE4287G Datasheet HTML 9Page - Infineon Technologies AG TLE4287G Datasheet HTML 10Page - Infineon Technologies AG TLE4287G Datasheet HTML 11Page - Infineon Technologies AG TLE4287G Datasheet HTML 12Page - Infineon Technologies AG TLE4287G Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Data Sheet
12
Rev. 1.4, 2009-01-12
TLE 4287 G
Revision History
Version
Date
Changes
Rev. 1.4
2009-01-12 Initial datasheet of RoHS-compliant product of TLE 4287 G.
Page 1 and Page 6: “ESD 2kV” statements removed.
Page 5: ESD specification added: HBM 1.5kV
Page 5: Maximum Junction Temperature modified
to -40°C <
T
j < 150°C
Table 5: Respecified Current Consumption
I
q when
Regulator OFF.
Page 1: “AEC certified” statement added
Page 1 and Page 12: RoHS compliance statement and
Green product feature added
Page 1 and Page 12: Package changed to RoHS compliant
version
Legal Disclaimer updated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com