Electronic Components Datasheet Search
  English  ▼

X  

TLE7230R Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE7230R
Description  Smart Octal Low-Side Switch Low Quiescent Current< 10關A Overvoltage
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7230R Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE7230R Datasheet HTML 1Page - Infineon Technologies AG TLE7230R Datasheet HTML 2Page - Infineon Technologies AG TLE7230R Datasheet HTML 3Page - Infineon Technologies AG TLE7230R Datasheet HTML 4Page - Infineon Technologies AG TLE7230R Datasheet HTML 5Page - Infineon Technologies AG TLE7230R Datasheet HTML 6Page - Infineon Technologies AG TLE7230R Datasheet HTML 7Page - Infineon Technologies AG TLE7230R Datasheet HTML 8Page - Infineon Technologies AG TLE7230R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Data Sheet TLE 7230 R
V2.0
Page
2005-10-05
3
Maximum Ratings for Tj = – 40°C to 150°C
Parameter
Symbol
Values
Unit
Supply Voltage
VS, V VDO
-0.3 ... + 6
V
Continuous Drain Source Voltage (OUT1...OUT8)
VDS
48
V
Input Voltage, All Inputs and Data Lines
VIN
- 0.3 ... + 6
V
Operating Temperature Range
Storage Temperature Range
Tj
Tstg
- 40 ... + 150
- 55 ... + 150
°C
Output Current per Channel (see el. characteristics)
ID(lim)
ID(lim)min
A
Reverse current per channel
IR
- ID(lim)min
A
Output Clamping Energy per channel
(single pulse, triangular shape, individual switch off)
ID = 0.3 A, TJ(start) = 150°C
ID = 0.4 A, TJ(start) = 85°C
EAS
50
65
mJ
Output Clamping Energy per channel
(repetitive pulses, triangular shape)
ID = 0.25 A, TJ(aver.) = 150°C, repetitive (1
⋅ 106 cycles)
EAR
15
mJ
Maximum Battery Voltage for full
OVL = 0
short circuit protection (single pulse)
4
OVL = 1
VBAT(SC)
20
28
V
Electrostatic Discharge Voltage (Human Body Model)
according to EIA/JESD22-A114-E
Output 1-8 Pins
All other Pins
VESD
VESD
2000
2000
V
V
DIN Humidity Category, DIN 40 040
E
IEC Climatic Category, DIN IEC 68-1
40/150/56
Thermal Characteristics
Values
Parameter
Symbol
min
max
Unit
Thermal Resistance, Junction – Case
(all channels active, 0.3W power dissipation each channel)
(only one channel active, 0.5W power dissipation)
RthJC
--
--
2.6
12
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com