Electronic Components Datasheet Search
  English  ▼

X  

TLE7230R Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE7230R
Description  Smart Octal Low-Side Switch Low Quiescent Current< 10關A Overvoltage
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7230R Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE7230R Datasheet HTML 2Page - Infineon Technologies AG TLE7230R Datasheet HTML 3Page - Infineon Technologies AG TLE7230R Datasheet HTML 4Page - Infineon Technologies AG TLE7230R Datasheet HTML 5Page - Infineon Technologies AG TLE7230R Datasheet HTML 6Page - Infineon Technologies AG TLE7230R Datasheet HTML 7Page - Infineon Technologies AG TLE7230R Datasheet HTML 8Page - Infineon Technologies AG TLE7230R Datasheet HTML 9Page - Infineon Technologies AG TLE7230R Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Data Sheet TLE 7230 R
V2.0
Page
2005-10-05
6
Functional Description
The TLE 7230 R is an octal low-side power switch with a serial peripheral interface (SPI) for control and
diagnostic feedback of the 8 power DMOS switches. The power transistors are protected
4 against over-
load (current limitation), overtemperature and overvoltage (by active zener clamping). The diagnostic
logic recognizes a fault condition which can be read out via the serial diagnostic output (SO).
Output Stage Control: Parallel Control or SPI Control
The Output stages can be controlled by parallel Inputs or by SPI commands. The IC can be pro-
grammed via SPI to switch the outputs according to the corresponding SPI command bit or to a combi-
nation of SPI bit and parallel input signal. The Boolean logic combination of parallel and serial signal is
programmable by SPI to logic "AND" or "OR". The respective SPI data bits are active high and the paral-
lel Inputs are active high or low according to the PRG pin (see pin description).
Boolean operation:
The logic combination of the parallel and the
serial input signal can be configured by an
SPI command for each of the 8 channels
individually. Logic "AND" or logic "OR" is pos-
sible.
Map able parallel input (IN 4):
The parallel input 4 (IN4) can be defined via SPI command as parallel input for one or more power out-
puts. Depending on the Input Map Register this input can be used to control one up to eight of the paral-
lel outputs. Default operation: IN4 is the parallel input for channel 4.
Switching speed / Slew rate:
The switching speed / slew rate of each individual channel can be configured by SPI for slow or fast
switching speed (max. 15µs or 60µs).
Overtemperature Behavior:
Each channel has an overtemperature sensor and is individually protected against overtemperature.
As soon as an overtemperature event occurs, the channel is immediately turned off and the overtem-
perature information is reported by diagnosis. In this case, there are two different behaviors of the af-
fected channel that can be selected by SPI (for all channels individually).
• Auto restart: as long as the input signal of the channel remains on (e.g. parallel input high) the
channel turns automatically on again after cooling down.
• Latching: In the event of an overtemperature shutdown, the channel stays off until the overtem-
perature latch is reset by a new L
àH transition of the input signal.
4 The integrated protection functions help to prevent damage to the device under fault conditions and may not be
used in normal operation or permanently.
parallel in serial in
Output "OR"
Output "AND"
off
off
off
off
off
on
on
off
on
off
on
off
on
on
on
on
&
≥1
serial controll register
Channel 1 to 3
Input buffer
IN 4
Input buffer
IN n (1..3)
Output Latch
Input Map register
Boolean register
&
≥1
serial controll register
Channel 4 to 8
Input buffer
IN 4
Output Latch
Input Map register
Boolean register
Signal logic channel 1 to 3
Signal logic channel 4 to 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com