Electronic Components Datasheet Search
  English  ▼

X  

P89LPC9201 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # P89LPC9201
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9201 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button P89LPC9201 Datasheet HTML 30Page - NXP Semiconductors P89LPC9201 Datasheet HTML 31Page - NXP Semiconductors P89LPC9201 Datasheet HTML 32Page - NXP Semiconductors P89LPC9201 Datasheet HTML 33Page - NXP Semiconductors P89LPC9201 Datasheet HTML 34Page - NXP Semiconductors P89LPC9201 Datasheet HTML 35Page - NXP Semiconductors P89LPC9201 Datasheet HTML 36Page - NXP Semiconductors P89LPC9201 Datasheet HTML 37Page - NXP Semiconductors P89LPC9201 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 75 page
background image
P89LPC92X1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 1 December 2010
34 of 75
NXP Semiconductors
P89LPC9201/9211/922A1/9241/
8-bit microcontroller with 8-bit ADC
7.17.1 Brownout detection
The brownout detect function determines if the power supply voltage drops below a
certain level. Enhanced brownout detection has 3 independent functions: BOD reset,
BOD interrupt and BOD FLASH.
BOD reset is always on except in total Power-down mode. It could not be disabled in
software. BOD interrupt may be enabled or disabled in software. BOD FLASH is always
on, except in Power-down modes and could not be disabled in software.
BOD reset and BOD interrupt, each has four trip voltage levels. BOE1 bit (UCFG1.5) and
BOE0 bit (UCFG1.3) are used as trip point configuration bits of BOD reset. BOICFG1 bit
and BOICFG0 bit in register BODCFG are used as trip point configuration bits of BOD
interrupt. BOD reset voltage should be lower than BOD interrupt trip point. BOD FLASH is
used for flash programming/erase protection and has only 1 trip voltage of 2.4 V. Please
refer to P89LPC9201/9211/922A1/9241/9251 User manual for detail configurations.
If brownout detection is enabled the brownout condition occurs when VDD falls below the
brownout trip voltage and is negated when VDD rises above the brownout trip voltage.
For correct activation of brownout detect, the VDD rise and fall times must be observed.
Please see Table 12 “Static characteristics” for specifications.
7.17.2 Power-on detection
The Power-on detect has a function similar to the brownout detect, but is designed to work
as power comes up initially, before the power supply voltage reaches a level where
brownout detect can work. The POF flag in the RSTSRC register is set to indicate an
initial power-up condition. The POF flag will remain set until cleared by software.
7.18 Power reduction modes
The P89LPC9201/9211/922A1/9241/9251 supports three different power reduction
modes. These modes are Idle mode, Power-down mode, and total Power-down mode.
7.18.1 Idle mode
Idle mode leaves peripherals running in order to allow them to activate the processor
when an interrupt is generated. Any enabled interrupt source or reset may terminate Idle
mode.
7.18.2 Power-down mode
The Power-down mode stops the oscillator in order to minimize power consumption. The
P89LPC9201/9211/922A1/9241/9251 exits Power-down mode via any reset, or certain
interrupts. In Power-down mode, the power supply voltage may be reduced to the data
retention supply voltage VDDR. This retains the RAM contents at the point where
Power-down mode was entered. SFR contents are not guaranteed after VDD has been
lowered to VDDR, therefore it is highly recommended to wake-up the processor via reset in
this case. VDD must be raised to within the operating range before the Power-down mode
is exited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com