Electronic Components Datasheet Search
  English  ▼

X  

P89LPC9201 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # P89LPC9201
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9201 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button P89LPC9201 Datasheet HTML 5Page - NXP Semiconductors P89LPC9201 Datasheet HTML 6Page - NXP Semiconductors P89LPC9201 Datasheet HTML 7Page - NXP Semiconductors P89LPC9201 Datasheet HTML 8Page - NXP Semiconductors P89LPC9201 Datasheet HTML 9Page - NXP Semiconductors P89LPC9201 Datasheet HTML 10Page - NXP Semiconductors P89LPC9201 Datasheet HTML 11Page - NXP Semiconductors P89LPC9201 Datasheet HTML 12Page - NXP Semiconductors P89LPC9201 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 75 page
background image
P89LPC92X1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 1 December 2010
9 of 75
NXP Semiconductors
P89LPC9201/9211/922A1/9241/
8-bit microcontroller with 8-bit ADC
6.2 Pin description
Table 3.
Pin description
Symbol
Pin
Type Description
TSSOP20,
DIP20
P0.0 to P0.7
I/O
Port 0: Port 0 is an 8-bit I/O port with a user-configurable output type. During reset
Port 0 latches are configured in the input only mode with the internal pull-up
disabled. The operation of Port 0 pins as inputs and outputs depends upon the port
configuration selected. Each port pin is configured independently. Refer to Section
7.16.1 “Port configurations” and Table 12 “Static characteristics” for details.
The Keypad Interrupt feature operates with Port 0 pins.
All pins have Schmitt trigger inputs.
Port 0 also provides various special functions as described below:
P0.0/CMP2/
KBI0
1I/O
P0.0 — Port 0 bit 0.
O
CMP2 — Comparator 2 output
I
KBI0 — Keyboard input 0.
P0.1/CIN2B/
KBI1/AD10
20
I/O
P0.1 — Port 0 bit 1.
I
CIN2B — Comparator 2 positive input B.
I
KBI1 — Keyboard input 1.
I
AD10 — ADC1 channel 0 analog input. (P89LPC9241/9251)
P0.2/CIN2A/
KBI2/AD11
19
I/O
P0.2 — Port 0 bit 2.
I
CIN2A — Comparator 2 positive input A.
I
KBI2 — Keyboard input 2.
I
AD11 — ADC1 channel 1 analog input. (P89LPC9241/9251)
P0.3/CIN1B/
KBI3/AD12
18
I/O
P0.3 — Port 0 bit 3. High current source.
I
CIN1B — Comparator 1 positive input B.
I
KBI3 — Keyboard input 3.
I
AD12 — ADC1 channel 2 analog input. (P89LPC9241/9251)
P0.4/CIN1A/
KBI4/DAC1/AD13
17
I/O
P0.4 — Port 0 bit 4. High current source.
I
CIN1A — Comparator 1 positive input A.
I
KBI4 — Keyboard input 4.
O
DAC1 — Digital-to-analog converter output 1. (P89LPC9241/9251)
I
AD13 — ADC1 channel 3 analog input. (P89LPC9241/9251)
P0.5/CMPREF/
KBI5
16
I/O
P0.5 — Port 0 bit 5. High current source.
I
CMPREF — Comparator reference (negative) input.
I
KBI5 — Keyboard input 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com