Electronic Components Datasheet Search
  English  ▼

X  

EC3H02B Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # EC3H02B
Description  VHF to UHF Low-Noise Wide-Band Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EC3H02B Datasheet(HTML) 3 Page - Sanyo Semicon Device

  EC3H02B Datasheet HTML 1Page - Sanyo Semicon Device EC3H02B Datasheet HTML 2Page - Sanyo Semicon Device EC3H02B Datasheet HTML 3Page - Sanyo Semicon Device EC3H02B Datasheet HTML 4Page - Sanyo Semicon Device EC3H02B Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EC3H02B
No.6523–3/5
S Parameters (Common emitter)
VCE=1V, IC=1mA, ZO=50Ω
VCE=1V, IC=5mA, ZO=50Ω
120
0
100
60
80
40
20
20
060
40
80
100
140
120
160
PC -- Ta
IT01369
Ambient Temperature, Ta –
°C
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
15
5
9
.
06
.
2
2
–8
1
4
.
33
.
3
6
16
5
0
.
00
.
6
75
7
9
.
05
.
0
1
–
0
0
22
2
9
.
00
.
3
4
–9
0
1
.
37
.
8
4
14
0
1
.
02
.
3
61
2
9
.
06
.
9
1
–
0
0
45
4
8
.
02
.
7
7
–7
1
6
.
28
.
4
2
15
6
1
.
02
.
4
44
9
7
.
09
.
2
3
–
0
0
62
8
7
.
08
.
1
0
1
–6
5
1
.
27
.
7
0
19
8
1
.
03
.
1
34
9
6
.
05
.
1
4
–
0
0
86
4
7
.
01
.
9
1
1
–8
8
7
.
12
.
4
90
0
2
.
05
.
3
20
3
6
.
07
.
7
4
–
0
0
0
14
3
7
.
01
.
1
3
1
–8
9
4
.
17
.
3
81
0
2
.
07
.
7
16
9
5
.
02
.
2
5
–
0
0
2
17
1
7
.
02
.
1
4
1
–6
2
3
.
16
.
4
78
9
1
.
07
.
4
13
7
5
.
06
.
7
5
–
0
0
4
17
0
7
.
09
.
8
4
1
–4
5
1
.
16
.
6
63
9
1
.
00
.
2
19
5
5
.
09
.
1
6
–
0
0
6
18
0
7
.
05
.
5
5
1
–9
2
0
.
12
.
0
62
8
1
.
07
.
0
11
6
5
.
01
.
6
6
–
0
0
8
11
1
7
.
06
.
1
6
1
–3
5
9
.
06
.
4
51
7
1
.
08
.
0
11
6
5
.
06
.
1
7
–
0
0
0
22
1
7
.
05
.
6
6
1
–0
8
8
.
03
.
9
40
6
1
.
00
.
3
19
6
5
.
05
.
6
7
–
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
18
1
8
.
09
.
7
4
–0
3
3
.
3
10
.
0
5
19
4
0
.
03
.
4
69
6
8
.
08
.
9
2
–
0
0
29
3
7
.
02
.
3
8
–5
4
5
.
0
16
.
9
2
16
7
0
.
06
.
9
41
8
6
.
00
.
0
5
–
0
0
41
6
6
.
09
.
2
2
1
–8
8
6
.
64
.
7
0
18
9
0
.
08
.
7
35
4
4
.
03
.
1
7
–
0
0
67
2
6
.
02
.
2
4
1
–6
2
7
.
49
.
5
96
0
1
.
04
.
5
34
3
3
.
07
.
1
8
–
0
0
86
1
6
.
08
.
3
5
1
–3
5
6
.
35
.
7
84
1
1
.
03
.
6
39
7
2
.
02
.
9
8
–
0
0
0
14
1
6
.
08
.
1
6
1
–9
8
9
.
27
.
0
82
2
1
.
04
.
8
32
5
2
.
07
.
4
9
–
0
0
2
11
1
6
.
03
.
7
6
1
–4
3
5
.
21
.
5
70
3
1
.
08
.
0
48
3
2
.
00
.
9
9
–
0
0
4
17
0
6
.
02
.
2
7
1
–7
0
2
.
21
.
0
79
3
1
.
01
.
3
41
3
2
.
08
.
2
0
1
–
0
0
6
17
0
6
.
06
.
6
7
1
–5
6
9
.
15
.
5
69
4
1
.
01
.
5
47
2
2
.
04
.
6
0
1
–
0
0
8
10
1
6
.
08
.
9
7
16
7
7
.
11
.
1
69
5
1
.
01
.
7
40
3
2
.
08
.
9
0
1
–
0
0
0
29
0
6
.
09
.
6
7
17
2
6
.
10
.
7
51
7
1
.
06
.
8
47
3
2
.
01
.
2
1
1
–



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com