Electronic Components Datasheet Search
  English  ▼

X  

EC3H02B Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # EC3H02B
Description  VHF to UHF Low-Noise Wide-Band Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EC3H02B Datasheet(HTML) 4 Page - Sanyo Semicon Device

  EC3H02B Datasheet HTML 1Page - Sanyo Semicon Device EC3H02B Datasheet HTML 2Page - Sanyo Semicon Device EC3H02B Datasheet HTML 3Page - Sanyo Semicon Device EC3H02B Datasheet HTML 4Page - Sanyo Semicon Device EC3H02B Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EC3H02B
No.6523–4/5
VCE=2V, IC=10mA, ZO=50Ω
VCE=5V, IC=7mA, ZO=50Ω
VCE=2V, IC=3mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
10
9
8
.
01
.
2
3
–9
2
1
.
93
.
8
5
12
4
0
.
01
.
2
78
3
9
.
01
.
7
1
–
0
0
27
2
8
.
06
.
9
5
–9
8
9
.
70
.
1
4
13
7
0
.
06
.
7
54
2
8
.
02
.
0
3
–
0
0
45
2
7
.
07
.
8
9
–3
2
8
.
55
.
7
1
14
0
1
.
08
.
1
48
1
6
.
05
.
5
4
–
0
0
66
6
6
.
09
.
1
2
1
–5
5
3
.
44
.
3
0
15
1
1
.
05
.
4
36
9
4
.
03
.
2
5
–
0
0
81
4
6
.
09
.
6
3
1
–8
4
4
.
31
.
3
91
2
1
.
02
.
2
39
2
4
.
05
.
6
5
–
0
0
0
11
3
6
.
03
.
7
4
1
–4
5
8
.
21
.
5
85
2
1
.
00
.
2
32
9
3
.
09
.
9
5
–
0
0
2
14
2
6
.
09
.
4
5
1
–6
3
4
.
25
.
8
78
2
1
.
01
.
3
32
7
3
.
09
.
2
6
–
0
0
4
18
1
6
.
03
.
1
6
1
–4
2
1
.
28
.
2
71
3
1
.
02
.
5
30
6
3
.
00
.
6
6
–
0
0
6
16
1
6
.
07
.
6
6
1
–4
9
8
.
15
.
7
64
3
1
.
06
.
7
32
5
3
.
01
.
9
6
–
0
0
8
18
1
6
.
04
.
1
7
1
–5
1
7
.
17
.
2
69
3
1
.
03
.
0
41
5
3
.
09
.
2
7
–
0
0
0
28
1
6
.
01
.
5
7
1
–1
7
5
.
11
.
8
54
4
1
.
02
.
3
47
5
3
.
04
.
6
7
–
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
15
1
7
.
08
.
0
6
–6
8
4
.
1
27
.
3
4
15
3
0
.
01
.
2
66
0
8
.
01
.
6
3
–
0
0
23
4
6
.
06
.
8
9
–9
9
4
.
5
18
.
2
2
11
5
0
.
02
.
9
40
8
5
.
08
.
6
5
–
0
0
49
8
5
.
01
.
5
3
1
–2
1
1
.
93
.
3
0
15
6
0
.
08
.
4
45
5
3
.
08
.
5
7
–
0
0
60
7
5
.
05
.
1
5
1
–6
9
2
.
69
.
3
95
7
0
.
03
.
7
41
6
2
.
05
.
4
8
–
0
0
84
6
5
.
01
.
1
6
1
–6
1
8
.
49
.
6
87
8
0
.
09
.
0
55
1
2
.
09
.
0
9
–
0
0
0
13
6
5
.
07
.
7
6
1
–1
2
9
.
31
.
1
88
9
0
.
06
.
3
52
9
1
.
04
.
5
9
–
0
0
2
10
6
5
.
03
.
2
7
1
–8
0
3
.
33
.
6
72
1
1
.
00
.
6
51
8
1
.
00
.
9
9
–
0
0
4
18
5
5
.
02
.
6
7
1
–7
6
8
.
21
.
2
75
2
1
.
07
.
7
52
7
1
.
06
.
2
0
1
–
0
0
6
18
5
5
.
00
.
0
8
10
5
5
.
21
.
8
69
3
1
.
08
.
8
59
6
1
.
03
.
5
0
1
–
0
0
8
12
6
5
.
08
.
6
7
13
9
2
.
22
.
4
65
5
1
.
05
.
9
50
7
1
.
08
.
7
0
1
–
0
0
0
21
6
5
.
04
.
4
7
12
9
0
.
25
.
0
69
6
1
.
08
.
9
56
7
1
.
02
.
9
0
1
–
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
17
9
7
.
09
.
2
4
–0
3
6
.
7
10
.
2
5
10
3
0
.
04
.
8
62
9
8
.
03
.
2
2
–
0
0
28
0
7
.
01
.
6
7
–0
7
1
.
4
14
.
2
3
18
4
0
.
01
.
5
53
2
7
.
07
.
6
3
–
0
0
48
0
6
.
00
.
6
1
1
–6
8
1
.
94
.
0
1
14
6
0
.
04
.
5
44
9
4
.
09
.
8
4
–
0
0
65
6
5
.
04
.
6
3
1
–4
3
5
.
69
.
8
93
7
0
.
06
.
4
45
8
3
.
05
.
2
5
–
0
0
80
5
5
.
08
.
8
4
1
–5
5
0
.
58
.
0
91
8
0
.
08
.
6
49
2
3
.
00
.
4
5
–
0
0
0
17
4
5
.
00
.
7
5
1
–4
3
1
.
43
.
4
89
8
0
.
09
.
9
49
9
2
.
04
.
5
5
–
0
0
2
11
4
5
.
02
.
3
6
1
–7
9
4
.
30
.
9
78
9
0
.
04
.
2
55
8
2
.
07
.
6
5
–
0
0
4
17
3
5
.
01
.
8
6
1
–5
2
0
.
34
.
4
79
0
1
.
00
.
5
57
7
2
.
09
.
7
5
–
0
0
6
19
3
5
.
05
.
2
7
1
–7
8
6
.
20
.
0
79
1
1
.
00
.
7
50
7
2
.
01
.
0
6
–
0
0
8
10
4
5
.
05
.
6
7
1
–5
2
4
.
28
.
5
60
3
1
.
06
.
8
51
7
2
.
00
.
3
6
–
0
0
0
20
4
5
.
04
.
9
7
1
–2
1
2
.
29
.
1
62
4
1
.
09
.
9
57
7
2
.
08
.
5
6
–



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com