Electronic Components Datasheet Search
  English  ▼

X  

MIC2808 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MIC2808
Description  RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise 200mA/30mA LDO Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2808 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MIC2808 Datasheet HTML 10Page - Micrel Semiconductor MIC2808 Datasheet HTML 11Page - Micrel Semiconductor MIC2808 Datasheet HTML 12Page - Micrel Semiconductor MIC2808 Datasheet HTML 13Page - Micrel Semiconductor MIC2808 Datasheet HTML 14Page - Micrel Semiconductor MIC2808 Datasheet HTML 15Page - Micrel Semiconductor MIC2808 Datasheet HTML 16Page - Micrel Semiconductor MIC2808 Datasheet HTML 17Page - Micrel Semiconductor MIC2808 Datasheet HTML 18Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Micrel, Inc.
MIC2808
July 2009
14
M9999-071709-A
Component Selection
Inductor Selection
The MIC2808 is designed for use with a 4.7µH inductor.
Proper selection should ensure that the inductor can
handle the maximum average and peak currents
required by the load. Maximum current ratings of the
inductor are generally given in two methods; permissible
DC current and saturation current. Permissible DC
current can be rated either for a 40°C temperature rise
or a 10% to 20% loss in inductance. Ensure that the
inductor selected can handle the maximum operating
current. When saturation current is specified, make sure
that there is enough margin, so that the peak current will
not saturate the inductor. Peak inductor current can be
calculated as follows:
Output Capacitor
LDO1 output requires a 2.2µF ceramic capacitor, while
the LDO2 and DC/DC regulator outputs require a 1µF
ceramic capacitor. All output capacitor values can be
increased to improve transient response, but perform-
ance has been optimized for a 2.2µF ceramic capacitor
for LDO1 and 1µF ceramic capacitors for both the
DC/DC regulator and LDO2. X7R/X5R dielectric-type
ceramic capacitors are recommended because of their
temperature performance. X5R/X7R-type capacitors
change capacitance by 15% over their operating
temperature range and are the most stable type of
ceramic capacitors. Z5U and Y5V dielectric capacitors
change value by as much as 50% to 60% respectively
over their operating temperature ranges.
L
f
2
V
V
1
V
I
I
IN
OUT
OUT
OUT
PK
×
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
+
=
Input Capacitor
IPK:
Peak Inductor Current
For optimal bypassing a minimum 1µF ceramic, 2.2µF
recommended, should be placed as close as possible to
the VIN pin. X5R or X7R dielectrics are recommended
for the input capacitor. Y5V dielectrics lose most of their
capacitance over temperature and are therefore, not
recommended. For high frequency filtering a minimum
1µF is recommended close to the VIN and PGND pins.
Smaller case size capacitors are recommended due to
their lower ESR and ESL. Please refer to the PCB layout
section for an example of an appropriate circuit layout.
IOUT:
Output/Load Current
VIN:
Input Voltage
VOUT:
Output Voltage
f:
Switching Frequency of PWM Regulator
L:
Inductor Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com