Electronic Components Datasheet Search
  English  ▼

X  

MIC2808 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2808
Description  RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise 200mA/30mA LDO Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2808 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2808 Datasheet HTML 1Page - Micrel Semiconductor MIC2808 Datasheet HTML 2Page - Micrel Semiconductor MIC2808 Datasheet HTML 3Page - Micrel Semiconductor MIC2808 Datasheet HTML 4Page - Micrel Semiconductor MIC2808 Datasheet HTML 5Page - Micrel Semiconductor MIC2808 Datasheet HTML 6Page - Micrel Semiconductor MIC2808 Datasheet HTML 7Page - Micrel Semiconductor MIC2808 Datasheet HTML 8Page - Micrel Semiconductor MIC2808 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Micrel, Inc.
MIC2808
July 2009
2
M9999-071709-A
Ordering Information
Part Number
Marking
Code
LDO1/LDO2
Voltage
(3)
Junction
Temp. Range
Package
(1)
Lead Finish
(2)
MIC2808-NNYFT
NNYJ
2.85V/2.85V
–40°C to +125°C
16-Pin 2.0mm x 2.5mm Thin MLF
®
Pb-Free
Note:
1. Thin MLF
®
= Pin 1 identifier.
2. Thin MLF
® is a GREEN RoHS compliant package. Lead finish is NiPdAu. Mold compound is halogen free.
3. Contact Micrel for other output voltages.
Pin Configuration
DAC
EN2
VIN
LDO1
BYP
AVIN
PVIN
SW
PGND
EN1
16-Pin 2.0mm x 2.5mm Thin MLF
® (FT)
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com