Electronic Components Datasheet Search
  English  ▼

X  

C7883 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # C7883
Description  Current output, high UV sensitivity, excellent linearity, low power consumption
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C7883 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  C7883 Datasheet HTML 1Page - Hamamatsu Corporation C7883 Datasheet HTML 2Page - Hamamatsu Corporation C7883 Datasheet HTML 3Page - Hamamatsu Corporation C7883 Datasheet HTML 4Page - Hamamatsu Corporation C7883 Datasheet HTML 5Page - Hamamatsu Corporation C7883 Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NMOS linear image sensors are self-scanning photodiode arrays designed specifically as detectors for multichannel spectroscopy. The scanning
circuit is made up of N-channel MOS transistors, operates at low power consumption and is easy to handle. Each photodiode has a large active
area, high UV sensitivity yet very low noise, delivering a high S/N even at low light levels. NMOS linear image sensors also offer excellent output
linearity and wide dynamic range.
The photodiodes of S3901 series have a height of 2.5 mm and are arrayed in a row at a spacing of 50 µm. The photodiodes of S3904 series also
have a height of 2.5 mm but are arrayed at a spacing of 25 µm. The photodiodes are available in 3 different pixel quantities for each series: 128
(S3901-128Q), 256 (S3901-256Q, S3904-256Q), 512 (S3901-512Q, S3904-512Q) and 1024 (S3904-1024Q). Quartz glass is the standard window
material.
Features
l Wide active area
Pixel pitch: 50 µm (S3901 series)
25 µm (S3904 series)
Pixel height: 2.5 mm
l High UV sensitivity with good stability
l Low dark current and high saturation charge allow a long
integration time and a wide dynamic range at room temperature
l Excellent output linearity and sensitivity spatial uniformity
l Lower power consumption: 1 mW max.
l Start pulse and clock pulses are CMOS logic compatible
Applications
l Multichannel spectrophotometry
l Image readout system
IMAGE
SENSOR
NMOS linear image sensor
Current output, high UV sensitivity, excellent linearity, low power consumption
S3901/S3904 series
Oxidation silicon
N type silicon
P type silicon
S3901 series: a=50 µm, b=45 µm
S3904 series: a=25 µm, b=20 µm
b
a
KMPDC0020EA
s Equivalent circuit
Vss
Start
st
Clock
Clock
1
2
Active
photodiode
Saturation
control gate
Saturation
control drain
Dummy diode
Dummy video
Active video
End of scan
Degital shift register
(MOS shift register)
s Active area structure
KMPDA0059EA
s Absolute maximum ratings
Parameter
Symbol
Value
Unit
Input pulse (
φ1, φ2, φst) voltage
V
φ
15
V
Power consumption*1
P
1
mW
Operating temperature*2
Topr
-40 to +65
°C
Storage temperature
Tstg
-40 to +85
°C
*1: V
φ=5.0 V
*2: No dew
1


Similar Part No. - C7883

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7883 HAMAMATSU-C7883 Datasheet
212Kb / 4P
Driver circuit for NMOS linear image sensor
C7883 HAMAMATSU-C7883 Datasheet
183Kb / 3P
High-speed driver circuit for current-output type NMOS linear image sensor
C7883-20 HAMAMATSU-C7883-20 Datasheet
212Kb / 4P
Driver circuit for NMOS linear image sensor
C7883G HAMAMATSU-C7883G Datasheet
212Kb / 4P
Driver circuit for NMOS linear image sensor
C7883G HAMAMATSU-C7883G Datasheet
183Kb / 3P
High-speed driver circuit for current-output type NMOS linear image sensor
More results

Similar Description - C7883

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S3901 HAMAMATSU-S3901_05 Datasheet
245Kb / 6P
NMOS linear image sensor Current output, high UV sensitivity, excellent linearity, low power consumption
S3902 HAMAMATSU-S3902 Datasheet
225Kb / 6P
NMOS linear image sensor Current output, high UV sensitivity, excellent linearity, low power consumption
logo
Infineon Technologies A...
BBY5603WE6327 INFINEON-BBY5603WE6327 Datasheet
855Kb / 7P
Excellent linearity
2011-06-15
logo
M.S. Kennedy Corporatio...
MSK115 MSK-MSK115_15 Datasheet
378Kb / 7P
Excellent Linearity - Class A/B Output
logo
List of Unclassifed Man...
HM-R ETC2-HM-R Datasheet
249Kb / 4P
High sensitivity, low power consumption
HM-T ETC2-HM-T Datasheet
128Kb / 3P
HIGH SENSITIVITY, LOW POWER CONSUMPTION
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7312 AVAGO-ACPM-7312 Datasheet
1Mb / 16P
excellent linearity
logo
Taoglas antenna solutio...
GRS.01.A.024KSSX1 TAOGLAS-GRS.01.A.024KSSX1 Datasheet
1Mb / 12P
Combines low power consumption and high sensitivity
logo
SHIKUES Electronics
BC846 SKTECHNOLGY-BC846 Datasheet
1,020Kb / 4P
High current gain, Excellent hFE Linearity
M28S SKTECHNOLGY-M28S Datasheet
597Kb / 3P
Excellent HFE Linearity, High DV current gain
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com