Electronic Components Datasheet Search
  English  ▼

X  

C7883 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C7883
Description  Current output, high UV sensitivity, excellent linearity, low power consumption
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C7883 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C7883 Datasheet HTML 1Page - Hamamatsu Corporation C7883 Datasheet HTML 2Page - Hamamatsu Corporation C7883 Datasheet HTML 3Page - Hamamatsu Corporation C7883 Datasheet HTML 4Page - Hamamatsu Corporation C7883 Datasheet HTML 5Page - Hamamatsu Corporation C7883 Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NMOS linear image sensor
S3901/S3904 series
s Shape specifications
Parameter
S3901-128Q
S3901-256Q
S3901-512Q
S3904-256Q
S3904-512Q
S3904-1024Q
Unit
Number of pixels
128
256
512
256
512
1024
-
Package length
31.75
40.6
31.75
40.6
mm
Number of pins
22
22
-
Window material*3
Quartz
Quartz
-
Weight
3.0
3.5
3.0
3.5
g
*3: Fiber optic plate is available (excluding the S3901-128Q, S3904-256Q).
s Specifications (Ta=25 °C)
S3901 series
S3904 series
Parameter
Symbol
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Pixel pitch
-
-
50
-
-
25
-
µm
Pixel height
-
-
2.5
-
-
2.5
-
mm
Spectral response range
(10% of peak)
λ
200 to 1000
200 to 1000
nm
Peak sensitivity wavelength
λp
-
600
-
-
600
-
nm
Photodiode dark current*4
ID
-
0.2
0.6
-
0.1
0.3
pA
Photodiode capacitance*4
Cph
-
20
-
-
10
-
pF
Saturation exposure*4 *5
Esat
-
180
-
-
180
-
mlx · s
Saturation output charge*4
Qsat
-
50
-
-
25
-
pC
Photo response non-uniformity*6
PRNU
-
-
±3
-
-
±3
%
*4: Vb=2.0 V, V
φ=5.0 V
*5: 2856 K, tungsten lamp
*6: 50% of saturation, excluding the start pixel and last pixel
s Electrical characteristics (Ta=25 °C)
S3901 series
S3904 series
Parameter
Symbol
C ondition
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
High
V
φ1, Vφ2 (H)
4.5
5
10
4.5
5
10
V
Clock pulse (
φ1, φ2)
voltage
Low
V
φ1, Vφ2 (L)
0
-
0.4
0
-
0.4
V
High
V
φs (H)
4.5
V
φ1
10
4.5
V
φ1
10
V
Start pulse (
φst) voltage
Low
V
φs (L)
0
-
0.4
0
-
0.4
V
Video bias voltage*7
Vb
1.5
V
φ - 3.0 Vφ - 2.5
1.5
V
φ - 3.0 Vφ - 2.5
V
Saturation control gate voltage
Vscg
-
0
-
-
0
-
V
Saturation control drain voltage
Vscd
-
Vb
-
-
Vb
-
V
C lock pulse (
φ1, φ2) rise / fall tim e*8
tr
φ1, trφ2
tf
φ1, tfφ2
-
20
-
-
20
-
ns
Clock pulse (
φ1, φ2) pulse width
tpw
φ1, tpwφ2
200
-
-
200
-
-
ns
Start pulse (
φst) rise / fall time
tr
φs, tfφs
-
20
-
-
20
-
ns
Start pulse (
φst) pulse width
tpw
φs
200
-
-
200
-
-
ns
Start pulse (
φst) and clock pulse
(
φ2) overlap
t
φov
200
-
-
200
-
-
ns
Clock pulse space* 8
X1, X2
trf - 20
-
-
trf - 20
-
-
ns
Data rate*9
f
0.1
-
2000
0.1
-
2000
kHz
-
80 (-128 Q)
-
-
100 (-256 Q )
-
ns
-
120 (-256 Q)
-
-
150 (-512 Q )
-
ns
Video delay time
tvd
50 % of
s a tu ra tio n
*9 *10
-
160 (-512 Q)
-
-
200 (-1024 Q )
-
ns
-
21 (-128 Q)
-
-
27 (-256 Q )
-
pF
-
36 (-256 Q)
-
-
50 (-512 Q )
-
pF
Clock pulse (
φ1, φ2)
line capacitance
C
φ
5 V bias
-
67 (-512 Q)
-
-
100 (-1024 Q )
-
pF
-
12 (-128 Q)
-
-
14 (-256 Q )
-
pF
-
20 (-256 Q)
-
-
24 (-512 Q )
-
pF
Saturation control gate (Vscg)
line capacitance
Cscg
5 V bias
-
35 (-512 Q)
-
-
45 (-1024 Q )
-
pF
-
7 (-128 Q)
-
-
10 (-256 Q )
-
pF
-
11 (-256 Q)
-
-
16 (-512 Q )
-
pF
Video line capacitance
CV
2 V bias
-
20 (-512 Q)
-
-
30 (-1024 Q )
-
pF
*7: V
φ is input pulse voltage (refer to “sVideo bias voltage m argin”).
*8: trf is the clock pulse rise or fall time. A clock pulse space of “rise time/fall time - 20 ” ns (nanoseconds) or more should be
input if the clock pulse rise or fall time is longer than 20 ns (refer to “sTim ing c hart fo r driv e r c irc uit”).
*9: Vb=2.0 V, V
φ=5.0 V
*10: Measured with C7883 driver circuit.
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com