Electronic Components Datasheet Search
  English  ▼

X  

MIC3232 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC3232
Description  Constant Current Boost Controller for Driving High Power LEDs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3232 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC3232 Datasheet HTML 1Page - Micrel Semiconductor MIC3232 Datasheet HTML 2Page - Micrel Semiconductor MIC3232 Datasheet HTML 3Page - Micrel Semiconductor MIC3232 Datasheet HTML 4Page - Micrel Semiconductor MIC3232 Datasheet HTML 5Page - Micrel Semiconductor MIC3232 Datasheet HTML 6Page - Micrel Semiconductor MIC3232 Datasheet HTML 7Page - Micrel Semiconductor MIC3232 Datasheet HTML 8Page - Micrel Semiconductor MIC3232 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Micrel, Inc.
MIC3230/1/2
November 2009
5
M9999-113009-B
Electrical Characteristics
VIN = 12V; VEN = 3.6V; L = 47µH; C = 4.7µF; TJ = 25°C, Bold values indicate –40°C≤ TJ ≤ +125°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOVP
Over Voltage Protection
1.203
1.24
1.277
V
Driver Impedance
Sink
Source
2.4
2
3.5
Ω
Ω
VDRH
Driver Voltage High
VIN = 12V
7
9
11
V
TJ
Over-Temperature Threshold
Shutdown
150
°C
Thermal Shutdown
Hysteresis
5
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com