Electronic Components Datasheet Search
  English  ▼

X  

PPC8567ECVTANGJA Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # PPC8567ECVTANGJA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567ECVTANGJA Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button PPC8567ECVTANGJA Datasheet HTML 23Page - Freescale Semiconductor, Inc PPC8567ECVTANGJA Datasheet HTML 24Page - Freescale Semiconductor, Inc PPC8567ECVTANGJA Datasheet HTML 25Page - Freescale Semiconductor, Inc PPC8567ECVTANGJA Datasheet HTML 26Page - Freescale Semiconductor, Inc PPC8567ECVTANGJA Datasheet HTML 27Page - Freescale Semiconductor, Inc PPC8567ECVTANGJA Datasheet HTML 28Page - Freescale Semiconductor, Inc PPC8567ECVTANGJA Datasheet HTML 29Page - Freescale Semiconductor, Inc PPC8567ECVTANGJA Datasheet HTML 30Page - Freescale Semiconductor, Inc PPC8567ECVTANGJA Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
27
Ethernet Interface and MII Management
Specification Version 1.2 (3/20/1998). The electrical characteristics for MDIO and MDC are specified in
Section 8, “Ethernet Interface and MII Management.”
8.1.1
Ethernet Interface DC Electrical Characteristics
All GMII, MII, TBI, RGMII, RMII and RTBI drivers and receivers comply with the DC parametric
attributes specified in Table 23 and Table 24. The potential applied to the input of a GMII, MII, TBI,
RGMII, RMII or RTBI receiver may exceed the potential of the receiver’s power supply (that is, a GMII
driver powered from a 3.6-V supply driving VOH into a GMII receiver powered from a 2.5-V supply).
Tolerance for dissimilar GMII driver and receiver supply potentials is implicit in these specifications. The
RGMII and RTBI signals are based on a 2.5-V CMOS interface voltage as defined by JEDEC
EIA/JESD8-5.
Table 23. GMII, MII, RMII, and TBI DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
Notes
Supply voltage 3.3 V
LVDD
TVDD
3.135
3.465
V
1, 2
Output high voltage
(LVDD/TVDD = Min, IOH = –4.0 mA)
VOH
2.40
LVDD/TVDD + 0.3
V
—
Output low voltage
(LVDD/TVDD = Min, IOL = 4.0 mA)
VOL
GND
0.50
V
—
Input high voltage
VIH
2.0
LVDD/TVDD + 0.3
V
—
Input low voltage
VIL
–0.3
0.90
V
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com