Electronic Components Datasheet Search
  English  ▼

X  

PPC8567ECVTANGJA Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # PPC8567ECVTANGJA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567ECVTANGJA Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button PPC8567ECVTANGJA Datasheet HTML 24Page - Freescale Semiconductor, Inc PPC8567ECVTANGJA Datasheet HTML 25Page - Freescale Semiconductor, Inc PPC8567ECVTANGJA Datasheet HTML 26Page - Freescale Semiconductor, Inc PPC8567ECVTANGJA Datasheet HTML 27Page - Freescale Semiconductor, Inc PPC8567ECVTANGJA Datasheet HTML 28Page - Freescale Semiconductor, Inc PPC8567ECVTANGJA Datasheet HTML 29Page - Freescale Semiconductor, Inc PPC8567ECVTANGJA Datasheet HTML 30Page - Freescale Semiconductor, Inc PPC8567ECVTANGJA Datasheet HTML 31Page - Freescale Semiconductor, Inc PPC8567ECVTANGJA Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
28
Freescale Semiconductor
Ethernet Interface and MII Management
8.2
FIFO, GMII, MII, TBI, RGMII, RMII, and RTBI AC Timing
Specifications
The AC timing specifications for FIFO, GMII, MII, TBI, RGMII, RMII and RTBI are presented in this
section.
8.2.1
FIFO AC Specifications
The basis for the AC specifications for the eTSEC’s FIFO modes is the double data rate RGMII and RTBI
specifications, since they have similar performance and are described in a source-synchronous fashion like
FIFO modes. However, the FIFO interface provides deliberate skew between the transmitted data and
source clock in GMII fashion.
Input high current
(VIN = LVDD, VIN = TVDD)
IIH
—40
μA
1, 2, 3
Input low current
(VIN = GND)
IIL
–600
—
μA3
Notes:
1. LVDD supports eTSECs 1 and 2.
2. TVDD supports QE UCC1 and UCC2 ethernet ports.
3. The symbol VIN, in this case, represents the LVIN and TVIN symbols referenced in Table 2 and Table 3.
Table 24. GMII, MII, RMII, RGMII, RTBI, TBI and FIFO DC Electrical Characteristics
Parameters
Symbol
Min
Max
Unit
Notes
Supply voltage 2.5 V
LVDD/TVDD
2.37
2.63
V
1, 2
Output high voltage
(LVDD/TVDD = Min, IOH = –1.0 mA)
VOH
2.00
LVDD/TVDD + 0.3
V
—
Output low voltage
(LVDD/TVDD = Min, IOL = 1.0 mA)
VOL
GND – 0.3
0.40
V
—
Input high voltage
VIH
1.70
LVDD/TVDD + 0.3
V
—
Input low voltage
VIL
–0.3
0.70
V
—
Input high current
(VIN = LVDD, VIN = TVDD)
IIH
—10
μA1, 2, 3
Input low current
(VIN = GND)
IIL
–15
—
μA3
Note:
1. LVDD supports eTSECs 1 and 2.
2. TVDD supports QE UCC1 and UCC2 ethernet ports.
3. Note that the symbol VIN, in this case, represents the LVIN and TVIN symbols referenced in Table 2 and Table 3.
Table 23. GMII, MII, RMII, and TBI DC Electrical Characteristics (continued)
Parameter
Symbol
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com