Electronic Components Datasheet Search
  English  ▼

X  

PPC8567EVTAUGJA Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # PPC8567EVTAUGJA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567EVTAUGJA Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button PPC8567EVTAUGJA Datasheet HTML 34Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 35Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 36Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 37Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 38Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 39Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 40Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 41Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
38
Freescale Semiconductor
Ethernet Interface and MII Management
Duty cycle for 10BASE-T and 100BASE-TX 3, 4
tRGTH/tRGT
5
40
50
60
%
Rise time (20%–80%)
tRGTR
5
—0.75
1.5
ns
Fall time (20%–80%)
tRGTF
5
—0.75
1.5
ns
EC_GTX_CLK125 clock rise time (20%-80%)
tG125R
—0.75
1.5
ns
EC_GTX_CLK125 clock fall time (80%-20%)
tG125F
—0.75
1.5
ns
EC_GTX_CLK125 duty cycle6
tG125H/tG125
47
53
ns
Notes:
1. Note that, in general, the clock reference symbol representation for this section is based on the symbols RGT to
represent RGMII and RTBI timing. For example, the subscript of tRGT represents the TBI (T) receive (RX) clock. Note
also that the notation for rise (R) and fall (F) times follows the clock symbol that is being represented. For symbols
representing skews, the subscript is skew (SK) followed by the clock that is being skewed (RGT).
2. This implies that PC board design will require clocks to be routed such that an additional trace delay of greater than
1.5 ns will be added to the associated clock signal.
3. For 10 and 100 Mbps, tRGT scales to 400 ns ± 40 ns and 40 ns ± 4 ns, respectively.
4. Duty cycle may be stretched/shrunk during speed changes or while transitioning to a received packet's clock domains
as long as the minimum duty cycle is not violated and stretching occurs for no more than three tRGT of the lowest speed
transitioned between.
5. Guaranteed by characterization
6. EC_GTX_CLK125 is used to generate GTX_CLK for the eTSEC transmitter with 2% degradation. EC_GTX_CLK125
duty cycle can be loosen from 47/53% as long as the PHY device can tolerate the duty cycle generated by the eTSEC
GTX_CLK.
Table 34. RGMII and RTBI AC Timing Specifications (continued)
At recommended operating conditions with LVDD of 2.5 V ± 5%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com