Electronic Components Datasheet Search
  English  ▼

X  

PPC8567EVTAUGJA Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # PPC8567EVTAUGJA
Description  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8567EVTAUGJA Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button PPC8567EVTAUGJA Datasheet HTML 66Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 67Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 68Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 69Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 70Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 71Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 72Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 73Page - Freescale Semiconductor, Inc PPC8567EVTAUGJA Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
70
Freescale Semiconductor
PCI Express
13.3
SerDes Transmitter and Receiver Reference Circuits
Figure 48 shows the reference circuits for SerDes data lane’s transmitter and receiver.
Figure 48. SerDes Transmitter and Receiver Reference Circuits
The DC and AC specification of SerDes data lanes are defined in each interface protocol section below
(PCI Express, Serial Rapid IO or SGMII) in this document based on the application usage:
•
Section 14, “PCI Express”
•
Section 15, “Serial RapidIO”
Note that external AC Coupling capacitor is required for the above three serial transmission protocols with
the capacitor value defined in specification of each protocol section.
14 PCI Express
This section describes the DC and AC electrical specifications for the PCI Express bus of the MPC8568E.
14.1
DC Requirements for PCI Express SD_REF_CLK and
SD_REF_CLK
For more information, see Section 13, “High-Speed Serial Interfaces (HSSI).”
14.2
AC Requirements for PCI Express SerDes Clocks
Table 50 lists AC requirements.
Table 50. SD_REF_CLK and SD_REF_CLK AC Requirements
Symbol
Parameter Description
Min
Typical
Max
Units
Notes
tREF
REFCLK cycle time
—
10
—
ns
1
tREFCJ
REFCLK cycle-to-cycle jitter. Difference in the period of any two
adjacent REFCLK cycles
—
—
100
ps
—
50
Ω
50
Ω
Receiver
Transmitter
SD_TXn
SD_TXn
SD_RXn
SD_RXn
50
Ω
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com