Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CVTATLD Datasheet(PDF) 103 Page - Freescale Semiconductor, Inc

Part # PPC8572CVTATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CVTATLD Datasheet(HTML) 103 Page - Freescale Semiconductor, Inc

Back Button PPC8572CVTATLD Datasheet HTML 99Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 100Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 101Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 102Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 103Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 104Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 105Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 106Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 107Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
103
Package Description
D1_MCKE[0:3]
Clock Enable
M8, L9, T9, N8
O
GVDD
11
D1_MCS[0:3]
Chip Select
AB9, AF10, AB11,
AE11
OGVDD
—
D1_MCK[0:5]
Clock
V7, E13, AH11, Y9,
F14, AG10
OGVDD
—
D1_MCK[0:5]
Clock Complements
Y10, E12, AH12, AA11,
F13, AG11
OGVDD
—
D1_MODT[0:3]
On Die Termination
AD10, AF12, AC10,
AE12
OGVDD
—
D1_MDIC[0:1]
Driver Impedance Calibration
E15, G14
I/O
GVDD
25
DDR SDRAM Memory Interface 2
D2_MDQ[0:63]
Data
A6, B7, C5, D5, A7, C8,
D8, D6, C4, A3, D3,
D2, B4, A4, B1, C1, E3,
E1, G2, G6, D1, E4,
G5, G3, J4, J2, P4, R5,
H3, H1, N5, N3, Y6, Y4,
AC3, AD2, V5, W5,
AB2, AB3, AD5, AE3,
AF6, AG7, AC4, AD4,
AF4, AF7, AH5, AJ1,
AL2, AM3, AH3, AH6,
AM1, AL3, AK5, AL5,
AJ7, AK7, AK4, AM4,
AL6, AM7
I/O
GVDD
—
D2_MECC[0:7]
Error Correcting Code
J5, H7, L7, N6, H4, H6,
M4, M5
I/O
GVDD
—
D2_MAPAR_ERR
Address Parity Error
N1
I
GVDD
—
D2_MAPAR_OUT
Address Parity Out
W2
O
GVDD
—
D2_MDM[0:8]
Data Mask
A5, B3, F4, J1, AA4,
AE5, AK1, AM5, K5
OGVDD
—
D2_MDQS[0:8]
Data Strobe
B6, C2, F5, L4, AB5,
AF3, AL1, AM6, L6
I/O
GVDD
—
D2_MDQS[0:8]
Data Strobe
C7, A2, F2, K3, AA5,
AE6, AK2, AJ6, K6
I/O
GVDD
—
D2_MA[0:15]
Address
W1, U4, U3, T1, T2, T3,
R1, R2, T5, R4, Y3, P1,
N2, AF1, M2, M1
OGVDD
—
D2_MBA[0:2]
Bank Select
Y1, W3, P3
O
GVDD
—
D2_MWE
Write Enable
AA2
O
GVDD
—
D2_MCAS
Column Address Strobe
AD1
O
GVDD
—
Table 75. MPC8572E Pinout Listing (continued)
Signal
Signal Name
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com