Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CVTATLD Datasheet(PDF) 107 Page - Freescale Semiconductor, Inc

Part # PPC8572CVTATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CVTATLD Datasheet(HTML) 107 Page - Freescale Semiconductor, Inc

Back Button PPC8572CVTATLD Datasheet HTML 103Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 104Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 105Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 106Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 107Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 108Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 109Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 110Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 111Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
107
Package Description
TSEC1_TX_EN/FIFO1_TX_EN
/FIFO1_TXC[0]
Transmit Enable
AJ24
O
LVDD
1, 22
TSEC1_TX_ER/FIFO1_TX_ER
R/FIFO1_TXC[1]
Transmit Error
AK25
O
LVDD
1, 5, 9
Three-Speed Ethernet Controller 2
TSEC2_RXD[7:0]/FIFO2_RXD[
7:0]/FIFO1_RXD[15:8]
Receive Data
AG22, AH20, AL22,
AG20, AK21, AK22,
AJ21, AK20
ILVDD
1
TSEC2_TXD[7:0]/FIFO2_TXD[
7:0]/FIFO1_TXD[15:8]
Transmit Data
AH21, AF20, AC17,
AF21, AD18, AF22,
AE20, AB18
OLVDD
1, 5, 9, 24
TSEC2_COL/FIFO2_TX_FC
Collision Detect/Flow Control
AE19
I
LVDD
1
TSEC2_CRS/FIFO2_RX_FC
Carrier Sense/Flow Control
AJ20
I/O
LVDD
1, 16
TSEC2_GTX_CLK
Transmit Clock Out
AE18
O
LVDD
—
TSEC2_RX_CLK/FIFO2_RX_C
LK
Receive Clock
AL23
I
LVDD
1
TSEC2_RX_DV/FIFO2_RX_DV
/FIFO1_RXC[2]
Receive Data Valid
AJ22
I
LVDD
1
TSEC2_RX_ER/FIFO2_RX_E
R
Receive Data Error
AD19
I
LVDD
1
TSEC2_TX_CLK/FIFO2_TX_C
LK
Transmit Clock In
AC19
I
LVDD
1
TSEC2_TX_EN/FIFO2_TX_EN
/FIFO1_TXC[2]
Transmit Enable
AB19
O
LVDD
1, 22
TSEC2_TX_ER/FIFO2_TX_ER
R
Transmit Error
AB17
O
LVDD
1, 5, 9
Three-Speed Ethernet Controller 3
TSEC3_TXD[3:0]/FEC_TXD[3:
0]/FIFO3_TXD[3:0]
Transmit Data
AG18, AG17, AH17,
AH19
OTVDD
1, 5, 9
TSEC3_RXD[3:0]/FEC_RXD[3:
0]/FIFO3_RXD[3:0]
Receive Data
AG16, AK19, AD16,
AJ19
ITVDD
1
TSEC3_GTX_CLK
Transmit Clock Out
AE17
O
TVDD
TSEC3_RX_CLK/FEC_RX_CL
K/FIFO3_RX_CLK
Receive Clock
AF17
I
TVDD
1
TSEC3_RX_DV/FEC_RX_DV/F
IFO3_RX_DV
Receive Data Valid
AG14
I
TVDD
1
TSEC3_RX_ER/FEC_RX_ER/
FIFO3_RX_ER
Receive Error
AH15
I
TVDD
1
Table 75. MPC8572E Pinout Listing (continued)
Signal
Signal Name
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com