Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CVTATLD Datasheet(PDF) 108 Page - Freescale Semiconductor, Inc

Part # PPC8572CVTATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CVTATLD Datasheet(HTML) 108 Page - Freescale Semiconductor, Inc

Back Button PPC8572CVTATLD Datasheet HTML 104Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 105Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 106Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 107Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 108Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 109Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 110Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 111Page - Freescale Semiconductor, Inc PPC8572CVTATLD Datasheet HTML 112Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
108
Freescale Semiconductor
Package Description
TSEC3_TX_CLK/FEC_TX_CL
K/FIFO3_TX_CLK
Transmit Clock In
AF16
I
TVDD
1
TSEC3_TX_EN/FEC_TX_EN/F
IFO3_TX_EN
Transmit Enable
AJ18
O
TVDD
1, 22
Three-Speed Ethernet Controller 4
TSEC4_TXD[3:0]/TSEC3_TXD[
7:4]/FIFO3_TXD[7:4]
Transmit Data
AD15, AC16, AC14,
AB16
OTVDD
1, 5, 9
TSEC4_RXD[3:0]/TSEC3_RXD
[7:4]/FIFO3_RXD[7:4]
Receive Data
AE15, AF13, AE14,
AH14
ITVDD
1
TSEC4_GTX_CLK
Transmit Clock Out
AB14
O
TVDD
—
TSEC4_RX_CLK/TSEC3_COL/
FEC_COL/FIFO3_TX_FC
Receive Clock
AG13
I
TVDD
1
TSEC4_RX_DV/TSEC3_CRS/
FEC_CRS/FIFO3_RX_FC
Receive Data Valid
AD13
I/O
TVDD
1, 23
TSEC4_TX_EN/TSEC3_TX_E
R/FEC_TX_ER/FIFO3_TX_ER
Transmit Enable
AB15
O
TVDD
1, 22
DUART
UART_CTS[0:1]
Clear to Send
W30, Y27
I
OVDD
—
UART_RTS[0:1]
Ready to Send
W31, Y30
O
OVDD
5, 9
UART_SIN[0:1]
Receive Data
Y26, W29
I
OVDD
—
UART_SOUT[0:1]
Transmit Data
Y25, W26
O
OVDD
5, 9
I2C Interface
IIC1_SCL
Serial Clock
AC30
I/O
OVDD
4, 20
IIC1_SDA
Serial Data
AB30
I/O
OVDD
4, 20
IIC2_SCL
Serial Clock
AD30
I/O
OVDD
4, 20
IIC2_SDA
Serial Data
AD29
I/O
OVDD
4, 20
SerDes (x10) PCIe, SRIO
SD1_RX[7:0]
Receive Data (positive)
P32, N30, M32, L30,
G30, F32, E30, D32
IXVDD_SR
DS1
—
SD1_RX[7:0]
Receive Data (negative)
P31, N29, M31, L29,
G29, F31, E29, D31
IXVDD_SR
DS1
—
SD1_TX[7]
PCIe1 Tx Data Lane 7 / SRIO or
PCIe2 Tx Data Lane 3 / PCIe3
TX Data Lane 1
M26
O
XVDD_SR
DS1
—
Table 75. MPC8572E Pinout Listing (continued)
Signal
Signal Name
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com