Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CLVTARLD Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # PPC8572CLVTARLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CLVTARLD Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  PPC8572CLVTARLD Datasheet HTML 1Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 2Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 3Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 4Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 5Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 6Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
3
Overview
– Four inbound windows plus a default window on serial RapidIO™
– Four outbound windows plus default translation for PCI Express
– Eight outbound windows plus default translation for serial RapidIO with segmentation and
sub-segmentation support
•
Two 64-bit DDR2/DDR3 memory controllers
— Programmable timing supporting DDR2 and DDR3 SDRAM
— 64-bit data interface per controller
— Four banks of memory supported, each up to 4 Gbytes, for a maximum of 16 Gbytes per
controller
— DRAM chip configurations from 64 Mbits to 4 Gbits with x8/x16 data ports
— Full ECC support
— Page mode support
– Up to 32 simultaneous open pages for DDR2 or DDR3
— Contiguous or discontiguous memory mapping
— Cache line, page, bank, and super-bank interleaving between memory controllers
— Read-modify-write support for RapidIO atomic increment, decrement, set, and clear
transactions
— Sleep mode support for self-refresh SDRAM
— On-die termination support when using DDR2 or DDR3
— Supports auto refreshing
— On-the-fly power management using CKE signal
— Registered DIMM support
— Fast memory access through JTAG port
— 1.8-V SSTL_1.8 compatible I/O
— Support 1.5-V operation for DDR3. The detail is TBD pending on official release of
appropriate industry specifications.
— Support for battery-backed main memory
•
Programmable interrupt controller (PIC)
— Programming model is compliant with the OpenPIC architecture.
— Supports 16 programmable interrupt and processor task priority levels
— Supports 12 discrete external interrupts
— Supports 4 message interrupts per processor with 32-bit messages
— Supports connection of an external interrupt controller such as the 8259 programmable
interrupt controller
— Four global high resolution timers/counters per processor that can generate interrupts
— Supports a variety of other internal interrupt sources
— Supports fully nested interrupt delivery
— Interrupts can be routed to external pin for external processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com