Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CLVTARLD Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # PPC8572CLVTARLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CLVTARLD Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button PPC8572CLVTARLD Datasheet HTML 6Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 9Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 10Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 11Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 12Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 13Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
10
Freescale Semiconductor
Electrical Characteristics
Figure 1 shows the MPC8572E block diagram.
Figure 1. MPC8572E Block Diagram
2
Electrical Characteristics
This section provides the AC and DC electrical specifications for the MPC8572E. The MPC8572E is
currently targeted to these specifications. Some of these specifications are independent of the I/O cell, but
are included for a more complete reference. These are not purely I/O buffer design specifications.
Core
x8/x4/x2/x1 PCI Express
4x Serial RapidIO
10/100/1Gb
MII, GMII, TBI,
RTBI, RGMII,
Serial
IRQs
SDRAM
DDR2/3
(NOR/NAND)
GPIO
I2C
I2C
Controller
eTSEC
Serial RapidIO
Messaging Unit
e500
Coherency
Module
64b DDR2/DDR3
Memory Controller
Enhanced Local Bus
Controller
Programmable Interrupt
Controller (PIC)
DUART
e500 Core
1-Mbyte L2
Cache/
SRAM
4-Channel DMA
Controller
32-Kbyte L1
Instruction
Cache
32-Kbyte
L1 Data
Cache
OceaN
Switch
Fabric
Serial RapidIO
PCI Express
I2C
I2C
Controller
RMII, SGMII, FIFO
MPC8572E
10/100/1Gb
MII, GMII, TBI,
RTBI, RGMII,
eTSEC
RMII, SGMII, FIFO
Security
Engine
XOR
Engine
10/100/1Gb
RTBI, RGMII,
eTSEC
RMII, SGMII
10/100/1Gb
MII, GMII, TBI,
RTBI, RGMII,
eTSEC
RMII, SGMII, FIFO
SDRAM
DDR2/3
64b DDR2/DDR3
Memory Controller
Table Lookup
Unit
Pattern Matching
Engine
Deflate
Engine
e500 Core
32-Kbyte L1
Instruction
Cache
32-Kbyte
L1 Data
Cache
Complex
Bus
Table Lookup
Unit
External control
4-Channel DMA
Controller
External control
Flash
FEC
MII



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com