Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CLVTARLD Datasheet(PDF) 111 Page - Freescale Semiconductor, Inc

Part # PPC8572CLVTARLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CLVTARLD Datasheet(HTML) 111 Page - Freescale Semiconductor, Inc

Back Button PPC8572CLVTARLD Datasheet HTML 107Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 108Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 109Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 110Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 111Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 112Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 113Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 114Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 115Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
111
Package Description
DDRCLK
DDR Clock
AA29
I
OVDD
31
JTAG
TCK
Test Clock
T28
I
OVDD
TDI
Test Data In
T27
I
OVDD
12
TDO
Test Data Out
T26
O
OVDD
11
TMS
Test Mode Select
U26
I
OVDD
12
TRST
Test Reset
AA32
I
OVDD
12
DFT
L1_TSTCLK
L1 Test Clock
V32
I
OVDD
18
L2_TSTCLK
L2 Test Clock
V31
I
OVDD
18
LSSD_MODE
LSSD Mode
N24
I
OVDD
18
TEST_SEL
Test Select 0
K28
I
OVDD
18
Power Management
ASLEEP
Asleep
P28
O
OVDD
9, 15, 21
Table 75. MPC8572E Pinout Listing (continued)
Signal
Signal Name
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com