Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CLVTARLD Datasheet(PDF) 134 Page - Freescale Semiconductor, Inc

Part # PPC8572CLVTARLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CLVTARLD Datasheet(HTML) 134 Page - Freescale Semiconductor, Inc

Back Button PPC8572CLVTARLD Datasheet HTML 130Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 131Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 132Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 133Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 134Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 135Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 136Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 137Page - Freescale Semiconductor, Inc PPC8572CLVTARLD Datasheet HTML 138Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
134
Freescale Semiconductor
System Design Information
•
SD2_TX[3:0]
•
SD2_TX[3:0]
•
Reserved pins: AF26, AF27
The following pins must be connected to XGND_SRDS2:
•
SD2_RX[3:0]
•
SD2_RX[3:0]
•
SD2_REF_CLK
•
SD2_REF_CLK
The POR configuration pin cfg_srds_sgmii_en on UART_RTS[1] can be used to power down SerDes 2
block for power saving. Note that both SVDD_SRDS2 and XVDD_SRDS2 must remain powered.
21.10.4 SerDes 2 Interface (SGMII) Partly Unused
If only part of the high speed SerDes 2 interface (SGMII) pins are used, the remaining high-speed serial
I/O pins should be terminated as described in this section.
The following pins must be left unconnected (float):
•
SD2_TX[3:0]
•
SD2_TX[3:0]
•
Reserved pins: AF26, AF27
The following pins must be connected to XGND_SRDS2:
•
SD2_RX[3:0]
•
SD2_RX[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com