Electronic Components Datasheet Search
  English  ▼

X  

FH103 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FH103
Description  High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FH103 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FH103 Datasheet HTML 1Page - Sanyo Semicon Device FH103 Datasheet HTML 2Page - Sanyo Semicon Device FH103 Datasheet HTML 3Page - Sanyo Semicon Device FH103 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FH103
No.6217–3/4
S parameter
j50
j25
j10
0
10
--j10
--j25
--j50
--j100
--j150
--j200
--j250
j100
j150
j200
j250
100
150
250
0.2GHz
0.2GHz
50
25
90°
120°
150°
±180°
--150°
--120°
--90°
--30°
--60°
0
60°
30°
0.04 0.08 0.12 0.16 0.2
j50
j25
j10
0
10
25
--j10
--j25
--j50
--j100
--j150
--j200
--j250
j100
j150
j200
j250
100
150
250
2.0GHz
2.0GHz
50
IC=5mA
IC =15mA
VCE=5V
f=200MHz to 2000MHz(200MHz Step)
VCE=5V
f=200MHz to 2000MHz(200MHz Step)
VCE=5V
f=200MHz to 2000MHz(200MHz Step)
VCE=5V
f=200MHz to 2000MHz(200MHz Step)
90°
150°
±180°
--150°
--120°
--90°
--30°
--60°
0
60°
30°
20
12
16
8
4
0.2GHz
0.2GHz
IC=5mA
IC
=15mA
120°
IT00307
IT00308
IT00309
IT00310
600
400
300
500
200
100
0
0
160
140
120
100
80
60
40
20
PC -- Ta
Mounted on a ceramic board (250mm2
×0.8mm)
Total
dissipation
1 unit
IT00306
Ambient Temperature, Ta –
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com