Electronic Components Datasheet Search
  English  ▼

X  

FH104 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FH104
Description  High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FH104 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FH104 Datasheet HTML 1Page - Sanyo Semicon Device FH104 Datasheet HTML 2Page - Sanyo Semicon Device FH104 Datasheet HTML 3Page - Sanyo Semicon Device FH104 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
NPN Epitaxial Planar Silicon Composite Transistor
High-Frequency Low-Noise Amplifier,
Differential Amplifier Applications
Ordering number:ENN6218
FH104
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
D1099TS (KOTO) TA-2353 No.6218–1/4
0 to 0.1
0.65
2.0
0.25
12
54
0.15
3
6
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
2149
[FH104]
Features
· Composite type with 2 transistors contained in the
MCP package currently in use, improving the
mounting efficiency greatly.
· The FH104 is formed with two chips equivalent to
the 2SC4853 placed in one package.
· Excellent in thermal equilibrium and pair capability.
Electrical Connection
˚C
˚C
Electrical Characteristics at Ta = 25˚C
1 : Collector1
2 : Emitter1
3 : Collector2
4 : Emitter2
5 : Base2
6 : Base1
SANYO : MCP6
Continued on next page.
Note) The specifications shown above are for each individual transistor. However, the ratings for hFE (small/large) and VBE (large-small) indicate pair
characteristics.
Marking : 104
B2
B1
TR1
TR2
E2
C1
E1
C2
1 unit
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
2
1V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
6V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
5
.
1V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
5
1A
m
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
0
8W
m
n
o
i
t
a
p
i
s
s
i
D
l
a
t
o
TPT
0
5
1W
m
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
0
1
=
E 0
=0
.
1A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
1
=
C 0
=0
1A
µ
n
i
a
G
t
n
e
r
r
u
C
C
D
h E
F
V E
C
I
,
V
1
=
C
A
m
1
=
0
90
0
2
o
i
t
a
R
n
i
a
G
t
n
e
r
r
u
C
C
D
h E
F
)
e
g
r
a
l
/
ll
a
m
s
(
V E
C
I
,
V
1
=
C
A
m
1
=7
.
05
9
.
0
e
c
n
e
r
e
f
f
i
D
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
e
s
a
B
V E
B
)
ll
a
m
s
-
e
g
r
a
l
(
V B
C
I
,
V
1
=
C
A
m
1
=0
.
1V
m


Similar Part No. - FH104

ManufacturerPart #DatasheetDescription
logo
Alpha Company Ltd.
FH100 ALPHAC-FH100 Datasheet
86Kb / 1P
Active Heat Sink
FH10025 ALPHAC-FH10025 Datasheet
86Kb / 1P
Active Heat Sink
FH10025MU ALPHAC-FH10025MU Datasheet
86Kb / 1P
Active Heat Sink
FH10040 ALPHAC-FH10040 Datasheet
86Kb / 1P
Active Heat Sink
FH10040MU ALPHAC-FH10040MU Datasheet
86Kb / 1P
Active Heat Sink
More results

Similar Description - FH104

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5414 SANYO-2SC5414 Datasheet
47Kb / 6P
High-Frequency Low-Noise Amplifier Applications
2SC5415 SANYO-2SC5415 Datasheet
47Kb / 6P
High-Frequency Low-Noise Amplifier Applications
2SC5502 SANYO-2SC5502 Datasheet
48Kb / 6P
High-Frequency Low-Noise Amplifier Applications
FH103 SANYO-FH103 Datasheet
49Kb / 4P
High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
FH105 SANYO-FH105 Datasheet
63Kb / 5P
High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
2SC5415A SANYO-2SC5415A Datasheet
98Kb / 6P
High-Frequency Low-Noise Amplifier Applications
2SC5414A SANYO-2SC5414A Datasheet
54Kb / 6P
High-Frequency Low-Noise Amplifier Applications
CPH6001A SANYO-CPH6001A_12 Datasheet
495Kb / 8P
High-Frequency Low-Noise Amplifier Applications
FH105A SANYO-FH105A_12 Datasheet
484Kb / 8P
High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
logo
Toshiba Semiconductor
2SK240 TOSHIBA-2SK240 Datasheet
126Kb / 4P
LOW NOISE AUDIO AMPLIFIER APPLICATIONS. DIFFERENTIAL AMPLIFIER APPLICATIONS.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com