Electronic Components Datasheet Search
  English  ▼

X  

FH104 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FH104
Description  High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FH104 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FH104 Datasheet HTML 1Page - Sanyo Semicon Device FH104 Datasheet HTML 2Page - Sanyo Semicon Device FH104 Datasheet HTML 3Page - Sanyo Semicon Device FH104 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FH104
No.6218–3/4
S parameter
160
100
80
60
120
140
150
40
20
0
0
160
140
120
100
80
60
40
20
PC -- Ta
IT00317
To
tal
Dissipation
1 unit
Ambient Temperature, Ta –
°C
f=200MHz to 2000MHz(200MHz Step)
S11e
f=200MHz to 2000MHz(200MHz Step)
S21e
f=200MHz to 2000MHz(200MHz Step)
S12e
f=200MHz to 2000MHz(200MHz Step)
S22e
j50
j25
j10
0
10
--j10
--j25
--j50
--j100
--j150
--j200
--j250
j100
j150
j200
j250
100
150
250
V
CE =1V
IC=1mA
VCE=2V
IC=3mA
0.2GHz
50
25
90˚
120˚
150˚
±180˚
--150˚
--120˚
--90˚
--30˚
--60˚
0
60˚
30˚
8 10
6
4
2
0.2GHz
2.0GHz
V CE
=1V
I C
=1mA
VCE=2V
IC=3mA
90˚
120˚
150˚
±180˚
--150˚
--120˚
--90˚
--30˚
--60˚
0
60˚
30˚
0.05 0.10 0.15 0.20
0.2GHz
2.0GHz
V CE
=1V
I C
=1mA
V CE
=2V
I C
=3mA
j50
j25
j10
0
10
25
--j10
--j25
--j50
--j100
--j150
--j200
--j250
j100
j150
j200
j250
100
150
250
0.2GHz
50
VCE=1V
IC=1mA
VCE=2V
IC=3mA
IT00318
IT00319
IT00320
IT00321



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com