Electronic Components Datasheet Search
  English  ▼

X  

ADT7310 Datasheet(PDF) 2 Page - ADTech

Part # ADT7310
Description  system specific power supply IC that is suitable for color CCD camera
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADTECH [ADTech]
Direct Link  
Logo ADTECH - ADTech

ADT7310 Datasheet(HTML) 2 Page - ADTech

  ADT7310 Datasheet HTML 1Page - ADTech ADT7310 Datasheet HTML 2Page - ADTech ADT7310 Datasheet HTML 3Page - ADTech ADT7310 Datasheet HTML 4Page - ADTech ADT7310 Datasheet HTML 5Page - ADTech ADT7310 Datasheet HTML 6Page - ADTech ADT7310 Datasheet HTML 7Page - ADTech ADT7310 Datasheet HTML 8Page - ADTech ADT7310 Datasheet HTML 9Page - ADTech Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Oct. 17. 2008 / Rev. 0.0
2/15
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
ADT7310
Part List
Component
Type
Value ( Model )
Manufacturer
U0
IC
ADT7310
ADTech
U1, 2, 3
IC
BAT54SWT1
ON Semiconductor
QP1
Chip transistor
2SB1424
ROHM
QN1
Chip transistor
MMBT4401LT1
ON Semiconductor
D1, D2
Chip SBD
RSX101M-30
ROHM
L1
Chip inductor
47uH / 590mA (SLF6028T-470MR59)
TDK
L2
Chip inductor
47uH / 590mA (SLF6028T-470MR59)
TDK
C1 , 2
MLCC
10uF / 10V / X5R
Murata
C100
Tantalum capacitor
10uF / 25V (T91C106K025AT)
KEMET
C200
MLCC
0.1uF / 25V
-
CF1 , 2 , 3
MLCC
1uF / 25V / X5R
Murata
CL1 , 2 , 3
MLCC
2.2uF / 25V / X5R
Murata
C10
MLCC
1nF
-
C20
MLCC
22nF
-
C30
MLCC
22nF
-
Ct
MLCC
18pF
-
CL4, 5, 7
MLCC
2.2uF / 25V / X5R
Murata
CL6
MLCC
4.7uF / 25V / X5R
Murata
C40
MLCC
10nF
-
Rs1 , 2
Chip resistor
0.1Ω / 1%
-
Rn1
Chip resistor
45.3㏀ / 1%
-
Rn2
Chip resistor
12.1㏀ / 1%
-
※ SBD (Schottky Barrier Diode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com