Electronic Components Datasheet Search
  English  ▼

X  

ADT7310 Datasheet(PDF) 3 Page - ADTech

Part # ADT7310
Description  system specific power supply IC that is suitable for color CCD camera
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADTECH [ADTech]
Direct Link  
Logo ADTECH - ADTech

ADT7310 Datasheet(HTML) 3 Page - ADTech

  ADT7310 Datasheet HTML 1Page - ADTech ADT7310 Datasheet HTML 2Page - ADTech ADT7310 Datasheet HTML 3Page - ADTech ADT7310 Datasheet HTML 4Page - ADTech ADT7310 Datasheet HTML 5Page - ADTech ADT7310 Datasheet HTML 6Page - ADTech ADT7310 Datasheet HTML 7Page - ADTech ADT7310 Datasheet HTML 8Page - ADTech ADT7310 Datasheet HTML 9Page - ADTech Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Oct. 17. 2008 / Rev. 0.0
3/15
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
ADT7310
Pin Configuration
ADT7310
1
2
3
4
5
6
7
21
20
19
18
17
16
15
28 27 26 25 24 23 22
8
9
10 11 12 13 14
Pin Description
Pin No.
Name
I/O
Type
Description
1
RS2
I
A
Current sensing and voltage feed-forward for boost converter
2
VIN1
-
P
Main power input
3
RS1
I
A
Current sensing and voltage feed-forward for buck converter
4
PWM
O
D
PWM output for buck converter
5
CC1
O
A
Capacitor terminal for phase compensation of buck converter
6
GND2
-
G
Ground
7
VIN2
-
P
Second power input
8
VO1
O
A
3.3V output for digital part
9
GND3
-
G
Ground
10
DLY
O
A
Delay time control for RBO signal
11
RBO
O
D
Power on reset output
12
CT
O
A
Capacitor terminal for tuning oscillation frequency
13
VO2
O
A
3.3V output for analog part
14
GND4
-
G
Ground
15
VHO
O
A
15V output for CCD positive voltage
16
VREG
O
A
Internal reference voltage output
17
VNO1
I
A
Feedback voltage input for VNO (-7V typical)
18
DRV3
O
D
Driving signal output of charge pump inverter
19
GND5
-
G
Ground
20
VIN5
-
P
Power input for 15V output
21
DRV2
O
D
Driving signal output of charge pump doubler
22
VIN4
-
P
Power input for charge pump block
23
GND6
-
G
Ground
24
VLO
O
A
1.8V output
25
VIN3
-
P
Feedback voltage input for boost converter
26
DRV1
O
D
PWM output for boost converter
27
CC2
O
A
Capacitor terminal for phase compensation of boost converter
28
GND1
-
G
Ground
I : Input , O : Output , IO : Input/Output , P : Power , G : Ground , A : Analog , D : Digital



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com