Electronic Components Datasheet Search
  English  ▼

X  

ADT7350 Datasheet(PDF) 2 Page - ADTech

Part # ADT7350
Description  a step-down converter with integrated switching MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADTECH [ADTech]
Direct Link  
Logo ADTECH - ADTech

ADT7350 Datasheet(HTML) 2 Page - ADTech

  ADT7350 Datasheet HTML 1Page - ADTech ADT7350 Datasheet HTML 2Page - ADTech ADT7350 Datasheet HTML 3Page - ADTech ADT7350 Datasheet HTML 4Page - ADTech ADT7350 Datasheet HTML 5Page - ADTech ADT7350 Datasheet HTML 6Page - ADTech ADT7350 Datasheet HTML 7Page - ADTech ADT7350 Datasheet HTML 8Page - ADTech ADT7350 Datasheet HTML 9Page - ADTech  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2/9
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
ADT7350
Sep. 9. 2010 / Rev. 0.0
Part List
Component
Type
Value (Model)
Manufacturer
U1
IC
ADT7350
ADTech
D1
Schottky barrier diode
RSX101M-30
ROHM
L1
Chip inductor
4.7uH / 1.6A
TDK
C2
MLCC
22㎌ / 16V
-
C1
MLCC
10㎌ / 50V
-
CB
MLCC
10㎋
-
R1
Chip resistor
49.9㏀ / 1%
-
R2
Chip resistor
16.2㏀ / 1%
-
GND
FB
EN
VIN
SW
BST
6
4
Pin Description
Pin
No.
Name
Pin Description
1BST
Bootstrap. This pin acts as the power supply for internal Power Transistor driver.
Connect a 10nF capacitor between this pin and SW pin.
2
GND
Ground and heat sink. Connect this pin to a large copper PCB area.
3FB
Feedback voltage input. The voltage of this pin is regulated to 0.81V. The shielding in the
PCB layout is option and connect resistor divider as close as possible.
4EN
Chip enable input. The Enable voltage range is higher than 1.2V and disable voltage is
lower than 0.4V.
5
VIN
Power supply input. The input bypass capacitor should be as close as GND pin.
6
SW
Switching node. The free-wheeling diode is connected between this pin and GND.
• R1,R2 : VOUT 3.3V typical case
5
4
1
4
2
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com