Electronic Components Datasheet Search
  English  ▼

X  

ADT7350 Datasheet(PDF) 3 Page - ADTech

Part # ADT7350
Description  a step-down converter with integrated switching MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADTECH [ADTech]
Direct Link  
Logo ADTECH - ADTech

ADT7350 Datasheet(HTML) 3 Page - ADTech

  ADT7350 Datasheet HTML 1Page - ADTech ADT7350 Datasheet HTML 2Page - ADTech ADT7350 Datasheet HTML 3Page - ADTech ADT7350 Datasheet HTML 4Page - ADTech ADT7350 Datasheet HTML 5Page - ADTech ADT7350 Datasheet HTML 6Page - ADTech ADT7350 Datasheet HTML 7Page - ADTech ADT7350 Datasheet HTML 8Page - ADTech ADT7350 Datasheet HTML 9Page - ADTech  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
ADT7350
Sep. 9. 2010 / Rev. 0.0
Functional Block Diagram
EN
FB
Voltage
Reference
Internal
Regulator
Error
Amp
ZFB
4
3
Comparator
Control
LOGIC
+
-
+
-
Driver
GND
2
Shutdown
SW
6
BST
1
VIN
5
OSC
Regulator
-
+
R
S
Σ
Current
sense
Current
Limit
Absolute Maximum Ratings (Note1)
Note1. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
Note2. derate 4.0mW/℃ above +25℃. This is recommended to operate under this power dissipation specification.
Note3. Measured on JESD51-7, 4-layer PCB
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power supply voltage
V
IN
--
26
V
SW pin voltage
V
SW
--
27
V
BST pin voltage
V
BST
--
V
SW + 6V
V
All Other Pins
-
-0.3
-
+6
V
Max. power dissipation (Ta=25℃) (Note2)
P
D
--
400
mW
Thermal resistance (Note3)
Θ
JA
-250
-
℃/W
Storage temperature
T
STG
-65
-
+150
℃
Junction temperature
T
Jmax
--
+150
℃
Operating Ratings
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power supply voltage
V
IN
4.5
12.0
24.0
V
Output voltage
V
OUT
0.81
-
15
V
Operating temperature
T
OPR
-40
-
+85
℃
Junction temperature
T
J
--
+125
℃



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com