Electronic Components Datasheet Search
  English  ▼

X  

FP207 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FP207
Description  Push-Pull Circuit Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FP207 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FP207 Datasheet HTML 1Page - Sanyo Semicon Device FP207 Datasheet HTML 2Page - Sanyo Semicon Device FP207 Datasheet HTML 3Page - Sanyo Semicon Device FP207 Datasheet HTML 4Page - Sanyo Semicon Device FP207 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
PNP/NPN Epitaxial Planar Silicon Transistors
Push-Pull Circuit Applications
Ordering number:ENN6457
FP207
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
92500TS (KOTO) TA-2925 No.6457–1/5
Package Dimensions
unit:mm
2097B
[FP207]
Features
· Composite type with a PNP transistor and an NPN
transistor contained in one package, facilitating high-
density mounting.
· Each device incorporated in the FP207 is equivalent
to the 2A1729 and to the 2SC4520, respectively.
˚C
˚C
1 : Base 1 (PNP TR)
2 : Collector 1 (PNP TR)
3 : Emitter Common
4 : Collector 2 (NPN TR)
5 : Base 2 (NPN TR)
6 : Collector 2 (NPN TR)
7 : Collector 1 (PNP TR)
SANYO : PCP5 (Top view)
Mounted on a ceramic board (250mm2
×0.8mm) 1unit
Marking : 207
Continued on next page.
4.5
3.4
2.8
1.8
1.0
7
6
0.5
0.5
1.75
1.75
3.5
1
2
3
4
5
0.3
1.5
0.4
0 to 0.1
0.2
1.2
Specifications
( ) : PNP
Absolute Maximum Ratings at Ta = 25˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
5
)
–
(V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
0
4
)
–
(V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
5
)
–
(V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
5
.
1
)
–
(A
)
e
s
l
u
P
(
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CI P
C
3
)
–
(A
t
n
e
r
r
u
C
e
s
a
BIB
0
0
3A
m
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
8
.
0W
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
l
a
t
o
TPT
1
.
1W
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
Mounted on a ceramic board (250mm2
×0.8mm)
Electrical Characteristics at Ta = 25˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
0
4
)
–
(
=
E 0
=1
)
–
(A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
3
)
–
(
=
C 0
=1
)
–
(A
µ
n
i
a
G
t
n
e
r
r
u
C
C
Dh E
F
V E
C
I
,
V
2
)
–
(
=
C
A
m
0
0
1
)
–
(
=0
0
10
0
4
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
GfT
V E
C
I
,
V
2
)
–
(
=
C
A
m
0
0
1
)
–
(
=0
0
3z
H
M
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Ob
o
CV B
C
z
H
M
1
=
f
,
V
0
1
)
–
(
=3
1
)
8
1
(F
p


Similar Part No. - FP207

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
FP20-1200 TRIAD-FP20-1200 Datasheet
53Kb / 1P
Power Transformer PC Mount: Flat Pack
FP20-125 TRIAD-FP20-125 Datasheet
44Kb / 1P
FP20-125
FP20-125 TRIAD-FP20-125_13 Datasheet
53Kb / 1P
Power Transformer PC Mount: Flat Pack
FP20-2400 TRIAD-FP20-2400 Datasheet
53Kb / 1P
Power Transformer PC Mount: Flat Pack
FP20-300 TRIAD-FP20-300 Datasheet
43Kb / 1P
FP20-300
More results

Similar Description - FP207

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FP202 SANYO-FP202 Datasheet
154Kb / 5P
Push-Pull Circuit Applications
FP204 SANYO-FP204 Datasheet
149Kb / 4P
Push-Pull Circuit Applications
FP205 SANYO-FP205 Datasheet
144Kb / 4P
Push-Pull Circuit Applications
FP206 SANYO-FP206 Datasheet
151Kb / 4P
Push-Pull Circuit Applications
CPH6528 SANYO-CPH6528 Datasheet
49Kb / 5P
PNP/NPN Epitaxial Planar Silicon Transistor Push-Pull Circuit Applications
CPH5541 SANYO-CPH5541 Datasheet
52Kb / 5P
PNP / NPN Epitaxial Planar Silicon Transistor Push-Pull Circuit Applications
MCH6536 SANYO-MCH6536_08 Datasheet
70Kb / 5P
Push-Pull Circuit Applications
MCH6542 SANYO-MCH6542 Datasheet
86Kb / 5P
Push-Pull Circuit Applications
MCH6545 SANYO-MCH6545 Datasheet
91Kb / 5P
Push-Pull Circuit Applications
logo
Littelfuse
5007 LITTELFUSE-5007 Datasheet
502Kb / 1P
ONE CIRCUIT PUSH PULL SWITCHES
2019 Rev: 021219
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com