Electronic Components Datasheet Search
  English  ▼

X  

FP207 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FP207
Description  Push-Pull Circuit Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FP207 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FP207 Datasheet HTML 1Page - Sanyo Semicon Device FP207 Datasheet HTML 2Page - Sanyo Semicon Device FP207 Datasheet HTML 3Page - Sanyo Semicon Device FP207 Datasheet HTML 4Page - Sanyo Semicon Device FP207 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FP207
No.6457–3/5
57
--10
57
23
5
7
23
--100
--1000
3
5
100
7
5
3
2
f T -- IC
VCE= --2V
--0.01
23
5
7 --0.1
23
5
7 --1.0
3
2
3
5
7
5
7
--1000
--100
2
3
VCE(sat) -- IC
10
23
5
7
23
5
7
100
1000
2
100
7
5
3
7
3
2
7
5
IT01854
IT01856
IT01855
7
5
3
2
10
7
5
3
57
1.0
10
23
23
57
5
Cob -- VCB
f=1MHz
100
7
5
3
2
7
5
10
57
--1.0
23
5
7
--10
23
5
Cob -- VCB
f=1MHz
IT01852
IT01853
Ta=75°C
25
°C
--25°C
VCE= --2V
1000
7
5
3
2
7
5
3
2
100
10
--0.01
23
5
7
23
5
7
23
hFE -- IC
--0.1
--1.0
IT01850
IT01851
Ta=75
°C
25
°C
--25
°C
VCE=2V
1000
100
7
5
3
2
7
5
3
2
0.01
23
57
2
3
57
57
2
3
hFE -- IC
0.1
1.0
f T -- IC
VCE=2V
0.01
23
5
7
23
5
7
57
0.1
1.0
3
2
5
5
7
7
1000
100
2
3
VCE(sat) -- IC
IT01857
IC / IB=20
IC / IB=20
25
°C
--2
5°C
Ta=75
°C
Ta= --25
°C
75
°C
25
°C
[PNP]
[NPN]
[PNP]
[NPN]
[PNP]
[NPN]
[PNP]
[NPN]
Collector Current, IC –A
Collector Current, IC –A
Collector-to-Base Voltage, VCB –V
Collector-to-Base Voltage, VCB –V
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A
Collector Current, IC –A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com