Electronic Components Datasheet Search
  English  ▼

X  

LM3450 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3450
Description  LED Driver with Active Power Factor Correction and Phase Dimming Decoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3450 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM3450 Datasheet HTML 13Page - National Semiconductor (TI) LM3450 Datasheet HTML 14Page - National Semiconductor (TI) LM3450 Datasheet HTML 15Page - National Semiconductor (TI) LM3450 Datasheet HTML 16Page - National Semiconductor (TI) LM3450 Datasheet HTML 17Page - National Semiconductor (TI) LM3450 Datasheet HTML 18Page - National Semiconductor (TI) LM3450 Datasheet HTML 19Page - National Semiconductor (TI) LM3450 Datasheet HTML 20Page - National Semiconductor (TI) LM3450 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
30127431
FIGURE 10. Dimming Decoder Circuit
PHASE DIMMING DECODER
The LM3450 uses the rectified AC line voltage to interpret the
conduction angle. Figure 10 shows the LM3450 decoder cir-
cuit with associated external circuitry. The rectified AC line
voltage is scaled via a resistor divider (R
AC1, RAC2) and con-
nected to the V
AC pin. VAC is compared to a 356mV reference
to generate a twice line frequency PWM signal with corre-
sponding duty cycle as shown in Figure 11.
30127432
FIGURE 11. Phase Angle Demodulation
For best results, R
AC1 and RAC2 are suggested to be sized so
that the V
AC voltage crosses the 356mV threshold when the
rectified AC line is as follows:
•
120V systems: 20V to 30V
•
230V systems: 40V to 60V
The demodulated duty cycle is sampled and logarithmically
remapped to a 300Hz PWM signal improving the resolution
of low dimming levels to the human eye. A minimum duty cy-
cle limits the maximum achievable contrast ratio to approxi-
mately 70:1. The remapped PWM signal is buffered and
output at FLT1 with amplitude equal to V
ADJ as shown in Fig-
ure 12.
30127433
FIGURE 12. FLT1 to FLT2 Mapping
The FLT1 signal is routed through a 2 pole low pass filter
(R
F1, CF1, RF2, CF2), as shown in Figure 10, to remove the
twice line frequency ripple. The resulting analog signal at
FLT2 is compared to a 500Hz Triangle wave to create the
inverted PWM signal at the DIM pin as shown in Figure 13:
30127434
FIGURE 13. FLT2 to DIM Mapping
17
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com