Electronic Components Datasheet Search
  English  ▼

X  

ADT7210 Datasheet(PDF) 2 Page - ADTech

Part # ADT7210
Description  Multi-CH Power Supply IC for Color CCD Camera
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADTECH [ADTech]
Direct Link  
Logo ADTECH - ADTech

ADT7210 Datasheet(HTML) 2 Page - ADTech

  ADT7210 Datasheet HTML 1Page - ADTech ADT7210 Datasheet HTML 2Page - ADTech ADT7210 Datasheet HTML 3Page - ADTech ADT7210 Datasheet HTML 4Page - ADTech ADT7210 Datasheet HTML 5Page - ADTech ADT7210 Datasheet HTML 6Page - ADTech  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ADT7210
www.ad-tech.co.kr
2/6
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
Mar. 12. 2009 / Rev. 0.1
Multi-CH Power Supply IC for Color CCD Camera
Pin Configuration
Part List
Component
Description
Type
Value
U1
Composite type with a PNP transistor and
schottky barrier diode
IC
FP102
D100
Two schottky diode integrated
IC
BAT54SWT1
L1 (*1)
Output filter inductor
CHIP INDUCTOR
100uH/450mA
C2 (*2)
Output filter capacitor
TANTALUM CAPACITOR
100uF/10V
C1
Bypass capacitor
TANTALUM CAPACITOR
10uF/20V
C102,C105,
C205,C206
Load capacitor for Regulator
TANTALUM CAPACITOR
10uF/10V
C110
Load capacitor for VHO
TANTALUM CAPACITOR
10uF/20V
C107
Load capacitor for Inverter
TANTALUM CAPACITOR
10uF/10V
C109
Load capacitor for Doubler
TANTALUM CAPACITOR
1uF/35V
C106
Flying capacitor for Inverter
MLCC
2.2uF/25V
C108
Flying capacitor for Doubler
MLCC
2.2uF/25V
C101,C104,C204,
C207,C111
Load capacitor for Regulator
MLCC
0.1uF/20V
C17
Buck converter soft-start capacitor
MLCC
47nF/20V
C3
Buck converter feedback loop component
MLCC
22nF/20V
C4
Buck converter feedback loop component
MLCC
10nF/20V
C5
Buck converter feedback loop component
MLCC
1.2nF/20V
C103
Delay time control capacitor for RBO signal MLCC
0.1uF/20V
R2
Buck converter feedback loop component
CHIP RESISTOR
3.3㏀
R3
Buck converter feedback loop component
CHIP RESISTOR
4.99㏀
R4
Buck converter feedback loop component
CHIP RESISTOR
33Ω
R5
Buck converter feedback loop component
CHIP RESISTOR
15KΩ
8
9
10 11
12 13 14
ADT7210
VO3
GND
RBO
VO1
GND
VO2
GND
GND
CAP5
CAP4
GND
CAP2
VNO
GND
28
27 26 25
24 23 22
1
2
3
4
5
6
7
21
20
19
18
17
16
15
*1 : SLF6028T-101MR42-PF (by TDK)
*2 : TLM1C107DSSR (by PARTSNIC)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com