Electronic Components Datasheet Search
  English  ▼

X  

ADT7210 Datasheet(PDF) 3 Page - ADTech

Part # ADT7210
Description  Multi-CH Power Supply IC for Color CCD Camera
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADTECH [ADTech]
Direct Link  
Logo ADTECH - ADTech

ADT7210 Datasheet(HTML) 3 Page - ADTech

  ADT7210 Datasheet HTML 1Page - ADTech ADT7210 Datasheet HTML 2Page - ADTech ADT7210 Datasheet HTML 3Page - ADTech ADT7210 Datasheet HTML 4Page - ADTech ADT7210 Datasheet HTML 5Page - ADTech ADT7210 Datasheet HTML 6Page - ADTech  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ADT7210
www.ad-tech.co.kr
3/6
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
Mar. 12. 2009 / Rev. 0.1
Multi-CH Power Supply IC for Color CCD Camera
Pin Description
Pin No.
Name
I/O
Type
Description
1
VO3
O
A
Voltage output for +5V general application
2
GND1
-
G
Ground
3
RBO
O
D
Power-on reset output
4
VO1
O
A
Voltage output for +3.3V digital application
5
GND2
-
G
Ground
6
VO2
O
A
Voltage output for +3.3V analog application
7
GND3
-
G
Ground
8
VIN2
-
P
Secondary power input for regulators
9
VLO
O
A
Voltage output for +1.8V digital application
10
SS
IO
A
Soft start capacitor
11
VFB
I
A
Feedback reference voltage input for PWM
12
COMP
IO
A
Compensation input
13
GND4
-
G
Ground
14
PWM
O
D
PWM output
15
GND5
-
G
Ground
16
VNO
O
A
-7V output for CCD
17
CAP2
O
D
Positive flying capacitor terminal for inverter operation
18
GND6
-
G
Ground
19
CAP4
I
D
Positive flying capacitor terminal for doubler operation
20
CAP5
O
A
Positive load capacitor terminal for doubler operation
21
GND7
-
G
Ground
22
VHO
O
A
+15V output for CCD
23
GND8
-
G
Ground
24
VIN1
-
P
Main power input
25
GND9
-
G
Ground
26
DLY
IO
A
Power-on reset delay capacitor terminal
27
VIN4
I
A
Voltage monitoring input for POR
28
VIN3
I
P
Thirdly power input for regulators
(normally connected to VIN1)
I : Input pin
O : Output pin
IO : Input/Output pin
P : Power pin
G : Ground pin
A : Analog pin
D : Digital pin



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com