Electronic Components Datasheet Search
  English  ▼

X  

ADT7221 Datasheet(PDF) 2 Page - ADTech

Part # ADT7221
Description  power supply chip with 5V regulated output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADTECH [ADTech]
Direct Link  
Logo ADTECH - ADTech

ADT7221 Datasheet(HTML) 2 Page - ADTech

  ADT7221 Datasheet HTML 1Page - ADTech ADT7221 Datasheet HTML 2Page - ADTech ADT7221 Datasheet HTML 3Page - ADTech ADT7221 Datasheet HTML 4Page - ADTech ADT7221 Datasheet HTML 5Page - ADTech ADT7221 Datasheet HTML 6Page - ADTech  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Jun. 16. 2008 / Rev. 0.1
2/6
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
ADT7221
Part List
Component
Description
Type
Value
U1*1
Composite type with a PNP transistor
and schottky barrier diode
IC
FP103
Q1
PNP transistor
Chip transistor
MMBT589LT1
L1
Output filter inductor
Chip inductor
47uH/590mA
C1
Output filter capacitor
Tantalum capacitor
47uF/10V
C2
Bypass capacitor
Tantalum capacitor
10uF/25V
C3
Load capacitor for LDO
Tantalum capacitor
1uF/10V
Pin Configuration
1
2
3
6
5
4
*1 : For cost down , it is possible to use discrete component with a PNP transistor and a schottky barrier diode.
In this case, you make use the discrete components with proper electrical specification.
Table A shows the required key electrical limits. It is recommended to use PNP and schottky barrier diode
having equivalent specification in the Table A.
Component
Parameter
Ratings
Unit
Remarks
Collector to Emitter Voltage
-20
V
PNP
Collector Current
-2
A
Recommend
‘2SB1424’ by ROHM or Equivalent IC
Repetitive Peak Reverse Voltage
30
V
Schottky
Barrier Diode
Average Rectified Current
700
mA
Recommend
‘RSX101M-30’ by ROHM or Equivalent
Table A : Selection guide for the discrete components



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com