Electronic Components Datasheet Search
  English  ▼

X  

ADT7221 Datasheet(PDF) 3 Page - ADTech

Part # ADT7221
Description  power supply chip with 5V regulated output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADTECH [ADTech]
Direct Link  
Logo ADTECH - ADTech

ADT7221 Datasheet(HTML) 3 Page - ADTech

  ADT7221 Datasheet HTML 1Page - ADTech ADT7221 Datasheet HTML 2Page - ADTech ADT7221 Datasheet HTML 3Page - ADTech ADT7221 Datasheet HTML 4Page - ADTech ADT7221 Datasheet HTML 5Page - ADTech ADT7221 Datasheet HTML 6Page - ADTech  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Jun. 16. 2008 / Rev. 0.1
3/6
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
ADT7221
Pin No.
Name
I/O
Type
Description
1
VIN
-
P
Power supply input
2
GND
-
G
Ground
3
PWM
O
D
Switching output
4
FB
I
A
Feedback voltage input
5
OUT
O
A
LDO output
6
DRV
I/O
A
LDO pass transistor drive signal
Pin Description
I : Input pin
O : Output pin
IO : Input/Output pin
P : Power pin
G : Ground pin
A : Analog pin
D : Digital pin
Functional Block Diagram
Internal
REG.
BIAS
REF
+
-
ERROR AMP
ZIN
ZFB
OSC
(500kHz)
PWM
Modulator
Pre-
DRIVER
LDO
FB
VIN
GND
PWM
DRV
OUT
+
-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com