Electronic Components Datasheet Search
  English  ▼

X  

AD8376 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8376
Description  Ultralow Distortion IF Dual VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8376 Datasheet(HTML) 4 Page - Analog Devices

  AD8376 Datasheet HTML 1Page - Analog Devices AD8376 Datasheet HTML 2Page - Analog Devices AD8376 Datasheet HTML 3Page - Analog Devices AD8376 Datasheet HTML 4Page - Analog Devices AD8376 Datasheet HTML 5Page - Analog Devices AD8376 Datasheet HTML 6Page - Analog Devices AD8376 Datasheet HTML 7Page - Analog Devices AD8376 Datasheet HTML 8Page - Analog Devices AD8376 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD8376
Rev. A | Page 4 of 24
Parameter
Conditions
Min
Typ
Max
Unit
POWER INTERFACE
Supply Voltage
4.5
5.0
5.5
V
VCC and Output Quiescent Current
with Both Channels Enabled
Thermal connection made to exposed paddle under device
245
250
255
mA
vs. Temperature
−40°C ≤ TA ≤ +85°C
285
mA
Power-Down Current, Both Channels
ENBA and ENBB Low
5.4
mA
vs. Temperature
−40°C ≤ TA ≤ +85°C
7
mA
POWER-UP/GAIN CONTROL
Pin A0 to Pin A4, Pin B0 to Pin B4, Pin ENBA, and Pin ENBB
VIH
Minimum voltage for a logic high
1.6
V
VIL
Maximum voltage for a logic low
0.8
V
Logic Input Bias Current
900
nA
Table 2. Gain Code vs. Voltage Gain Look-Up Table
5-Bit Binary Gain Code
Voltage Gain (dB)
00000
+20
00001
+19
00010
+18
00011
+17
00100
+16
00101
+15
00110
+14
00111
+13
01000
+12
01001
+11
01010
+10
01011
+9
01100
+8
5-Bit Binary Gain Code
Voltage Gain (dB)
01101
+7
01110
+6
01111
+5
10000
+4
10001
+3
10010
+2
10011
+1
10100
0
10101
−1
10110
−2
10111
−3
11000
−4
>11000
−4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com