Electronic Components Datasheet Search
  English  ▼

X  

AD8376 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8376
Description  Ultralow Distortion IF Dual VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8376 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8376 Datasheet HTML 12Page - Analog Devices AD8376 Datasheet HTML 13Page - Analog Devices AD8376 Datasheet HTML 14Page - Analog Devices AD8376 Datasheet HTML 15Page - Analog Devices AD8376 Datasheet HTML 16Page - Analog Devices AD8376 Datasheet HTML 17Page - Analog Devices AD8376 Datasheet HTML 18Page - Analog Devices AD8376 Datasheet HTML 19Page - Analog Devices AD8376 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD8376
Rev. A | Page 16 of 24
For optimum performance, the AD8376 should be driven
differentially using an input balun or impedance transformer.
Figure 39 uses a wideband 1:1 transmission line balun followed
by two 37.5 Ω resistors in parallel with the 150 Ω input imped-
ance of the AD8376 to provide a 50 Ω differential terminated
input impedance. This provides a wideband match to a 50 Ω
source. The open-collector outputs of the AD8376 are biased
through the two 1 μH inductors and are ac-coupled to the two
82 Ω load resistors. The 82 Ω load resistors in parallel with the
series-terminated ADC impedance yields the target 150 Ω
differential load impedance, which is recommended to provide
the specified gain accuracy of the device. The load resistors are
ac-coupled from the AD9445 to avoid common-mode dc
loading. The 33 Ω series resistors help to improve the isolation
between the AD8376 and any switching currents present at the
analog-to-digital sample and hold input circuitry.
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
0
5.25 10.50 15.75 21.00 26.25 31.50 36.75 42.00 47.25 52.50
FREQUENCY (MHz)
SNR = 64.93dBc
SFDR = 86.37dBc
NOISE FLOOR = –108.1dB
FUND = –1.053dBFs
SECOND = –86.18dBc
THIRD = –86.22dBc
1
2
3
4
5
6
+
Figure 40. Measured Single-Tone Performance of the
Circuit in Figure 39 for a 100 MHz Input Signal
The circuit depicted in Figure 39 provides variable gain,
isolation, and source matching for the AD9445. Using this
circuit with the AD8376 in a gain of 20 dB (maximum gain), an
SFDR performance of 86 dBc is achieved at 100 MHz, as
indicated in Figure 40.
The addition of the series inductors L (series) in Figure 39
extends the bandwidth of the system and provides response
flatness. Using 100 nH inductors as L (series), the wideband
system response of Figure 41 is obtained. The wideband
frequency response is an advantage in broadband applications
such as predistortion receiver designs and instrumentation
applications. However, by designing for a wide analog input
frequency range, the cascaded SNR performance is somewhat
degraded due to high frequency noise aliasing into the wanted
Nyquist zone.
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
20
48
76
104
132
160
188
216
244
272
300
FREQUENCY (MHz)
FIRST POINT = –2.93dBFs
END POINT = –9.66dBFs
MID POINT = –2.33dBFs
MIN = –9.66dBFs
MAX = –1.91dBFs
Figure 41. Measured Frequency Response of Wideband
ADC Interface Depicted in Figure 39
An alternative narrow-band approach is presented in Figure 42.
By designing a narrow band-pass antialiasing filter between the
AD8376 and the target ADC, the output noise of the AD8376
outside of the intended Nyquist zone can be attenuated, helping
to preserve the available SNR of the ADC. In general, the SNR
improves several dB when including a reasonable order antialias-
ing filter. In this example, a low loss 1:3 input transformer is used
to match the AD8376’s 150 Ω balanced input to a 50 Ω unbal-
anced source, resulting in minimum insertion loss at the input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com