Electronic Components Datasheet Search
  English  ▼

X  

FTD2007 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # FTD2007
Description  Ultrahigh-Speed Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FTD2007 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  FTD2007 Datasheet HTML 1Page - Sanyo Semicon Device FTD2007 Datasheet HTML 2Page - Sanyo Semicon Device FTD2007 Datasheet HTML 3Page - Sanyo Semicon Device FTD2007 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
No.6430-2/4
FTD2007
PW=10
µs
D.C.
≤1%
10V
0V
VIN
VIN
P.G
50
Ω
G
S
ID=400mA
RL=125Ω
VDD=50V
VOUT
D
FTD2007
Switching Time Test Circuit
Electrical Connection
Continued from preceding page.
D2 S2 S2 G2
D1 S1 S1 G1
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
Is
s
i
CV S
D
z
H
M
1
=
f
,
V
0
5
=0
5
1F
p
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Os
s
o
CV S
D
z
H
M
1
=
f
,
V
0
5
=0
3F
p
e
c
n
a
t
i
c
a
p
a
C
r
e
f
s
n
a
r
T
e
s
r
e
v
e
Rs
s
r
CV S
D
z
H
M
1
=
f
,
V
0
5
=5
F
p
e
m
i
T
y
a
l
e
D
N
O
-
n
r
u
Ttd
)
n
o
(t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
S
e
e
S8
s
n
e
m
i
T
e
s
i
Rtr
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
S
e
e
S4
s
n
e
m
i
T
y
a
l
e
D
F
F
O
-
n
r
u
Ttd
)
f
f
o
(t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
S
e
e
S0
4s
n
e
m
i
T
ll
a
Ftf
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
S
e
e
S5
2s
n
e
g
r
a
h
C
e
t
a
G
l
a
t
o
Tg
Q
V S
D
V
,
V
0
1
=
S
G
I
,
V
0
1
=
D
A
m
0
0
8
=
2
.
5C
n
e
g
r
a
h
C
e
c
r
u
o
S
-
o
t
-
e
t
a
Gs
g
Q
6
.
0C
n
e
g
r
a
h
C
"
r
e
ll
i
M
"
n
i
a
r
D
-
o
t
-
e
t
a
Gd
g
Q
4
1
.
1C
n
e
g
a
t
l
o
V
d
r
a
w
r
o
F
e
d
o
i
DV D
S
IS
V
,
A
m
0
0
8
=
S
G
0
=5
7
.
02
.
1V
0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
ID -- VGS
IT01120
VDS=10V
25
°C
0
1
234
5
6
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
78
9
10
RDS(on) -- VGS
Ta=25
°C
ID=400mA
IT01121
RDS(on) -- Ta
IT01122
I D
=400mA,
V GS
=3V
I D
=400mA,
V GS
=10V
I D
=400mA,
V GS
=4V
--60
0
0.2
0.6
1.0
0.4
0.8
1.2
1.4
1.6
--40
--20
0
20
40
60
80
100
120
140
160
0
0
0.2
0.4
0.6
1.2
1.0
1.4
1.6
0.4
0.8
0.8
1.2
1.6
2.0
0.2
0.6
1.0
1.4
1.8
ID -- VDS
VGS=1.5V
8.0V
2.0V
2.5V
IT01119
6.0V
Drain-to-Source Voltage, VDS –V
Gate-to-Source Voltage, VGS –V
Gate-to-Source Voltage, VGS –V
Ambient Temperature, Ta –
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com