Electronic Components Datasheet Search
  English  ▼

X  

FTD2007 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FTD2007
Description  Ultrahigh-Speed Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FTD2007 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FTD2007 Datasheet HTML 1Page - Sanyo Semicon Device FTD2007 Datasheet HTML 2Page - Sanyo Semicon Device FTD2007 Datasheet HTML 3Page - Sanyo Semicon Device FTD2007 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
No.6430-3/4
FTD2007
IT01123
0.01
0.1
0.1
23
5
7
1.0
23
5
7
2
3
10
1.0
7
5
3
2
7
5
3
2
yfs -- ID
VDS=10V
75
°C
25°
C
Ta=-
-25
°C
IT01124
0
0.3
0.9
0.6
1.2
1.5
0.01
1.0
0.1
7
5
3
2
7
5
3
2
10
7
5
3
2
IF -- VSD
VGS = 0
1.0
0.1
35
7
2
2
35
7
1000
10
7
5
3
2
100
7
5
3
2
7
5
3
2
1.0
SW Time -- ID
VDD=50V
VGS=10V
td(on)
td(off)
tr
tf
IT01125
0
1.0
10
10
100
20
30
1000
7
5
3
2
7
5
3
2
7
5
3
2
40
100
50
60
70
80
90
Ciss, Coss, Crss -- VDS
f=1MHz
Ciss
Coss
Crss
IT01126
0
0
1
2
3
4
5
6
7
8
6
24
5
13
9
10
VGS -- Qg
VDS=10V
ID=800mA
IT01127
0
0
20
40
0.2
60
0.4
0.6
80
100
120
0.8
1.0
140
160
PD -- Ta
IT01129
0
0
0.2
0.4
0.2
0.6
0.4
0.6
0.8
0.8
PD(FET1) -- PD(FET2)
IT01130
A S O
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
10
1.0
0.01
0.1
0.001
23
5 7
23
5 7
23
5 7
0.1
1.0
10
2
100
IT01128
100
µs
IDP=3.2A
Operation in this area is
limited by RDS(on).
DC
operation
1ms
10ms
100ms
ID=0.8A
Drain Current, ID –A
Diode Forward Voltage, VSD –V
Drain Current, ID –A
Drain-to-Source Voltage, VDS –V
Total Gate Charge, Qg – nC
Drain-to-Source Voltage, VDS –V
Mounted on a ceramic board (1000mm
2
×0.8mm)
Ta= 25
°C
Single pulse
1 unit
Ambient Temperature, Ta –
°C
Mounted on a ceramic board (1000mm
2
×0.8mm)
Total
Dissipation
1 unit
Allowable Power Dissipation (FET2), PD –W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com