Electronic Components Datasheet Search
  English  ▼

X  

MMA6901QR2 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MMA6901QR2
Description  High Accuracy Low g Inertial Sensor MEMS Sensing, State Machine ASIC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6901QR2 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MMA6901QR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA6901QR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA6901QR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA6901QR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA6901QR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA6901QR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA6901QR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA6901QR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA6901QR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Sensors
Freescale Semiconductor
11
MMA690xQ
2.1.5.3
Temperature Fault Flag (TF)
This flag is set if the value reported by the on-chip temperature sensor exceeds specified limits. TF may be cleared by writing
a logic ‘1’ value to the CE bit in DEVCTL, provided that the fault condition is no longer detected.
2.1.5.4
Device Reset Flag (DEVRES)
This flag is set during device initialization. A logic ‘1’ must be written to the CE bit in the Device Control register (DEVCTL) to
clear this bit. Except when Communications Protocol is active, this bit must be explicitly cleared following reset before accelera-
tion results can be read from MMA690xQ.
2.1.6
Counter Register (COUNT)
This read-only register provides the value of a free-running 8-bit counter derived from the primary oscillator. A five-bit prescaler
divides the 4.0 MHz primary oscillator frequency by 32. Thus, the value in the register increases by one count every 8.0
μs, and
the counter rolls over every 2.048 ms.
2.1.7
Acceleration Result Registers
These read-only registers contain acceleration results produced by the DSP. The values in these registers are frozen by either
of two events:
•CAP/HOLD input at logic high level
•CS input at logic low level
Acceleration result registers are provided for each axis. ACC_X11L/ACC_X11H and ACC_Y11L/ACC_Y11H provide 11-bit re-
sults. Updates to ACC_X11L/ACC_X11H and ACC_Y11L/ACC_Y11H are halted upon reading the lower-byte register of either
pair until the upper-byte register is read. There is no requirement to manipulate CAP/HOLD when reading ACC_X11L/ACC_X11H
or ACC_Y11L/ACC_Y11H, however ACC_X11H or ACC_Y11H must be read after reading ACC_X11L or ACC_Y11L, respective-
ly, or further updates to the register pair will not occur.
Sign extension is applied to the upper five bits of ACC_X11H and ACC_Y11H. If an error condition exists, the reserved
value 0 will be read in place of 11-bit acceleration data.
Table 2-8 Counter Register
Location
Bit Function
Address
Register
7
6
5
4
3
2
1
0
$11
COUNT
COUNT[7]
COUNT[6]
COUNT[5]
COUNT[4]
COUNT[3]
COUNT[2]
COUNT[1]
COUNT[0]
Table 2-9. X-Axis Acceleration Result Registers
Location
Bit Function
Address
Register
7
6
5
4
3
2
1
0
$24
ACC_X11L
ACC_X[7]
ACC_X[6]
ACC_X[5]
ACC_X[4]
ACC_X[3]
ACC_X[2]
ACC_X[1]
ACC_X[0]
$25
ACC_X11H
0
0
0
0
0
ACC_X[10]
ACC_X[9]
ACC_X[8]
Table 2-10. Y-Axis Acceleration Result Registers
Location
Bit Function
Address
Register
7
6
5
4
3
2
1
0
$26
ACC_Y11L
ACC_Y[7]
ACC_Y[6]
ACC_Y[5]
ACC_Y[4]
ACC_Y[3]
ACC_Y[2]
ACC_Y[1]
ACC_Y[0]
$27
ACC_Y11H
0
0
0
0
0
ACC_Y[10]
ACC_Y[9]
ACC_Y[8]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com