Electronic Components Datasheet Search
  English  ▼

X  

MMA6901QR2 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MMA6901QR2
Description  High Accuracy Low g Inertial Sensor MEMS Sensing, State Machine ASIC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6901QR2 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MMA6901QR2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA6901QR2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA6901QR2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA6901QR2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA6901QR2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA6901QR2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA6901QR2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA6901QR2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA6901QR2 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
Sensors
20
Freescale Semiconductor
MMA690xQ
ST = Self-test active
Commands and response under normal and exception conditions are summarized in the following tables. Note that only
DEVCTL at address $0E is writable when the device is in its normal operating mode.
P: Parity
T[1:0] Transfer type code
Note that only DEVCTL is writable when the device operates in normal operating mode. Attempts to write other registers do
not constitute a fault condition, but have no effect.
P: Parity
T[1:0] Transfer type code
Table 3-3. Device Response, Exception Conditions
Exception
Command
Response
Priority
Class
ST
HOLD
T1
T0
S2
S1
S0
Register
Acceleration Data
Transient
X
X
X
X
1
1
1
Status code
Status code
Highest
Reset
X
X
T1
T0
1
1
1
As requested
$7FF
²
Critical
X
X
1
1
1
²
Behavioral
1
1
0
T1
T0
As requested
²
1
0
1
T1
T0
²
0
1
1
T1
T0
²
None
0
0
0
T1
T0
Lowest
Table 3-4. Normal Response Summary
Operation
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Acceleration
Data Read
Command
T1
T0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Response
0
T1
T0
P
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
Register Pointer
Read
Command
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
Response
0
0
0
0
0
P
0
0
A7
A6
A5
A4
A3
A2
A1
A0
Register Pointer
Write
Command
0
0
0
1
0
P
0
0
A7
A6
A5
A4
A3
A2
A1
A0
Response
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
Register Data
Read
Command
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
Response
0
0
0
1
0
P
0
0
D7
D6
D5
D4
D3
D2
D1
D0
Register Data
Write
Command
0
0
1
1
0
P
0
0
D7
D6
D5
D4
D3
D2
D1
D0
Response
0
0
0
1
1
P
0
0
A7
A6
A5
A4
A3
A2
A1
A0
Table 3-5. Behavioral Response Summary, One Exception Condition
Operation
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Acceleration
Data Read
Command
T1
T0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Response
1
T1
T0
P
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
Register
Pointer Read
Command
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
Response
1
1
1
0
0
P
0
1
A7
A6
A5
A4
A3
A2
A1
A0
Register
Pointer Write
Command
0
0
0
1
0
P
0
0
A7
A6
A5
A4
A3
A2
A1
A0
Response
1
1
1
0
1
0
0
1
0
0
0
0
0
0
0
0
Register Data
Read
Command
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
Response
1
1
1
1
0
P
0
1
D7
D6
D5
D4
D3
D2
D1
D0
Register Data
Write
Command
0
0
1
1
0
P
0
0
D7
D6
D5
D4
D3
D2
D1
D0
Response
1
1
1
1
1
P
0
1
A7
A6
A5
A4
A3
A2
A1
A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com