Electronic Components Datasheet Search
  English  ▼

X  

TLE4284 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE4284
Description  Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4284 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE4284 Datasheet HTML 13Page - Infineon Technologies AG TLE4284 Datasheet HTML 14Page - Infineon Technologies AG TLE4284 Datasheet HTML 15Page - Infineon Technologies AG TLE4284 Datasheet HTML 16Page - Infineon Technologies AG TLE4284 Datasheet HTML 17Page - Infineon Technologies AG TLE4284 Datasheet HTML 18Page - Infineon Technologies AG TLE4284 Datasheet HTML 19Page - Infineon Technologies AG TLE4284 Datasheet HTML 20Page - Infineon Technologies AG TLE4284 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Data Sheet
17
Rev. 2.1, 2007-03-20
TLE 4284
Output Voltage V
Q versus
Junction Temperature T
j
Dropout Voltage V
DR versus
Junction Temperature T
j
Output Current Limit I
Qmax versus
Junction Temperature T
j
Safe Operation Area (SOA):
Output Current I
Q vs. Input Voltage VI
-40
T
j [°C]
-20
20 40
80 100
V
Q [V]
5_VQ-TJ.VSD
3.00
2.00
1.00
4.00
060
140
120
V
I = 13.5 V
I
Q = 10mA
1.5V-Version
1.8V-Version
2.6V-Version
3.3V-Version
5.0V-Version
-40
T
j [°C]
-20
20 40
80 100
V
dr [mV]
7_VDR-TJ.VSD
1100
900
800
1200
060
140
120
1400
V
I = 13.5V
1000
I
Q = 100 mA
I
Q = 500 mA
I
Q = 800 mA
I
Q = 1000 mA
-40
T
j [°C]
-20
20 40
80 100
I
Q [A]
8_IQMAX-TJ.VSD
1.5
1.2
0.9
1.8
060
140
120
V
I = 13.5 V
0.6
2.4
V
I = Vnom + Vdr
V
I = 21 V
0
V
I [V]
20
30
9_SOA.VSD
10
40
T
a = 25 °C
I
Q [A]
1.2
0.8
0.4
1.6
0.0
2.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com